Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF7S15100HSR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF7S15100HSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S15100HSR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF7S15100HSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF7S15100HSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF7S15100HSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF7S15100HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S15100HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S15100HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S15100HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S15100HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S15100HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
Freescale Semiconductor
MRF7S15100HR3 MRF7S15100HSR3
Figure 1. MRF7S15100HR3(HSR3) Test Circuit Schematic
Z15
1.330″ x 0.538″ Microstrip
Z16
0.270″ x 0.280″ Microstrip
Z17
0.187″ x 0.150″ Microstrip
Z18
0.084″ x 0.042″ Microstrip
Z19
0.184″ x 0.292″ Microstrip
Z20
0.084″ x 0.066″ Microstrip
Z21
0.886″ x 0.194″ Microstrip
Z22
0.300″ x 0.084″ Microstrip
Z23
0.084″ x 0.215″ Microstrip
Z24
0.221″ x 0.075″ Microstrip
Z25
0.084″ x 0.175″ Microstrip
Z26, Z27
0.200″ x 0.525″ Microstrip
Z28, Z29
0.235″ x 0.102″ Microstrip
PCB
Arlon CuClad 250GX-0300-55-22, 0.030″, εr = 2.55
Z1
0.084″ x 0.078″ Microstrip
Z2
0.149″ x 0.153″ Microstrip
Z3
0.149″ x 0.303″ Microstrip
Z4
0.149″ x 0.065″ Microstrip
Z5
0.084″ x 0.146″ Microstrip
Z6
0.084″ x 0.104″ Microstrip
Z7
0.218″ x 0.080″ Microstrip
Z8
0.084″ x 0.206″ Microstrip
Z9
0.224″ x 0.085″ Microstrip
Z10
0.084″ x 0.369″ Microstrip
Z11
1.288″ x 0.206″ Microstrip
Z12
1.288″ x 0.144″ Microstrip
Z13
1.288″ x 0.369″ Microstrip
Z14
1.330″ x 0.112″ Microstrip
Z1
RF
INPUT
Z2
Z8
DUT
VBIAS
VSUPPLY
C8
C10
+
Z9
Z6
Z3
Z4
B1
C4
C5
+
R3
R2
L3
C2
L2
C1
C3
Z5
Z7
Z10
Z11
Z12
Z13
R1
L1
C6
RF
OUTPUT
Z23
Z20
Z19
Z18
Z17
Z16
Z15
Z14
Z26
Z22
Z21
Z27
Z28
Z29
Z24
Z25
C11
C9
VSUPPLY
C7
C12
C13
Table 5. MRF7S15100HR3(HSR3) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
Short Ferrite Bead
2743019447
Fair-Rite
C1, C6, C7, C8
15 pF Chip Capacitors
ATC100B150JT500XT
ATC
C2
0.5 pF Chip Capacitor
ATC100B0R5BT500XT
ATC
C3
10 pF Chip Capacitor
ATC100B100JT500XT
ATC
C4, C9, C13
6.8 μF, 50 V Chip Capacitors
C4532JB1H685MT
TDK
C5, C10
100 μF, 50 V Electrolytic Capacitors
222215371101
Vishay
C11, C12
2.2 μF, 50 V Chip Capacitors
C3225JB2A225MT
TDK
L1, L2, L3
7.15 nH Inductors
1606-TLC
Coilcraft
R1, R2
100 Ω, 1/4 W Chip Resistors
CRCW12061000FKEA
Vishay
R3
10 KΩ, 1/4 W Chip Resistor
CRCW12061002FKEA
Vishay


Similar Part No. - MRF7S15100HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S15100HSR3 FREESCALE-MRF7S15100HSR3 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
MRF7S15100HSR3 NXP-MRF7S15100HSR3 Datasheet
282Kb / 13P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 6/2009
More results

Similar Description - MRF7S15100HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com