Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6VP3450HR6 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF6VP3450HR6
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6VP3450HR6 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF6VP3450HR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
RF Device Data
Freescale Semiconductor
MRF6VP3450HR6 MRF6VP3450HR5 MRF6VP3450HSR6 MRF6VP3450HSR5
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1,2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 80°C, 90 W CW
Case Temperature 62°C, 450 W Pulsed, 50 μsec Pulse Width, 2.5% Duty Cycle
RθJC
0.27
0.04
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22-A114)
1B (Minimum)
Machine Model (per EIA/JESD22-A115)
B (Minimum)
Charge Device Model (per JESD22-C101)
IV (Minimum)
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (3)
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
10
μAdc
Drain-Source Breakdown Voltage
(ID = 50 mA, VGS = 0 Vdc)
V(BR)DSS
110
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS = 50 Vdc, VGS = 0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS = 0 Vdc)
IDSS
10
μAdc
On Characteristics
Gate Threshold Voltage (3)
(VDS = 10 Vdc, ID = 320 μAdc)
VGS(th)
1
1.6
2.5
Vdc
Gate Quiescent Voltage (4)
(VDD = 50 Vdc, ID = 1400 mAdc, Measured in Functional Test)
VGS(Q)
2
2.6
3.5
Vdc
Drain-Source On-Voltage (3)
(VGS = 10 Vdc, ID = 1.58 Adc)
VDS(on)
0.25
Vdc
Dynamic Characteristics (3,5)
Reverse Transfer Capacitance
(VDS = 50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
0.92
pF
Output Capacitance
(VDS = 50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Coss
54.5
pF
Input Capacitance
(VDS = 50 Vdc, VGS = 0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
373
pF
Functional Tests (4) (In Freescale Broadband Test Fixture, 50 ohm system) VDD = 50 Vdc, IDQ = 1400 mA, Pout = 90 W Avg., f = 860 MHz,
DVB-T OFDM Single Channel. ACPR measured in 7.61 MHz Channel Bandwidth @ ±4 MHz Offset @ 4 kHz Bandwidth.
Power Gain
Gps
21.5
22.5
24.5
dB
Drain Efficiency
ηD
26
28
%
Adjacent Channel Power Ratio
ACPR
-62
-59
dBc
Input Return Loss
IRL
-4
-2
dB
1. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access
MTTF calculators by product.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
3. Each side of device measured separately.
4. Measurement made with device in push-pull configuration.
5. Part internally input matched.
(continued)


Similar Part No. - MRF6VP3450HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP3450HR6 FREESCALE-MRF6VP3450HR6 Datasheet
642Kb / 18P
   RF Power Field Effect Transistors
MRF6VP3450HR6 FREESCALE-MRF6VP3450HR6 Datasheet
1Mb / 18P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
MRF6VP3450HR6 NXP-MRF6VP3450HR6 Datasheet
1Mb / 18P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 4, 4/2010
logo
Freescale Semiconductor...
MRF6VP3450HR6 FREESCALE-MRF6VP3450HR6_10 Datasheet
1Mb / 18P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6VP3450HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com