Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6VP3450HR6 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF6VP3450HR6
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6VP3450HR6 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF6VP3450HR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6VP3450HR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
RF Device Data
Freescale Semiconductor
MRF6VP3450HR6 MRF6VP3450HR5 MRF6VP3450HSR6 MRF6VP3450HSR5
Figure 2. MRF6VP3450HR6(HSR6) Test Circuit Schematic
Z32, Z33
0.108″ x 0.392″ Microstrip
Z34, Z35
0.212″ x 0.388″ Microstrip
Z36, Z37
0.103″ x 0.388″ Microstrip
Z38, Z39
0.075″ x 0.157″ Microstrip
Z40, Z41
1.412″ x 0.071″ Microstrip
Z42, Z43
0.024″ x 0.087″ Microstrip
Z44
0.550″ x 0.065″ Microstrip
PCB
Taconic RF35, 0.031”, εr = 3.5
Z1
0.343″ x 0.065″ Microstrip
Z2, Z3
0.039″ x 0.200″ Microstrip
Z4, Z5
1.400″ x 0.590″ Microstrip
Z6, Z7
0.059″ x 0.118″ Microstrip
Z8, Z9
0.059″ x 0.118″ Microstrip
Z10, Z11
0.150″ x 0.394″ Microstrip
Z12, Z13
0.359″ x 0.394″ Microstrip
Z14, Z15
0.308″ x 0.394″ Microstrip
RF
INPUT
VBIAS
Z12
Z14
C1
Z7
Z13
C2
DUT
RF
OUTPUT
Z6
Z16
Z15
Z17
R1
Z19
VSUPPLY
C24
+
B1
C34
Z1
C44
C36
C38
R3
Z18
C4
C3
Z10
Z11
Z8
Z9
Z20
R4
Z21
Z5
Z4
Z3
Z2
Z44
Z41
Z40
Z42
Z43
Z38
Z39
C8
C7
C9
C10
Z36
Z37
Printed
Balun
Output
Printed
Balun
Input
C12
C11
VBIAS
R2
C25
+
B2
C35
C45
C37
C39
Z16, Z17
0.172″ x 0.465″ Microstrip
Z18, Z20
0.397″ x 0.059″ Microstrip
Z19, Z21
0.800″ x 0.059″ Microstrip
Z22, Z23
0.276″ x 0.465″ Microstrip
Z24, Z26
0.070″ x 0.157″ Microstrip
Z25, Z27
1.000″ x 0.157″ Microstrip
Z28, Z29
0.103″ x 0.392″ Microstrip
Z30, Z31
0.084″ x 0.392″ Microstrip
Z22
Z23
Z24
C26
+
C22
Z25
C40
C28
VSUPPLY
Z26
C27
+
C23
Z27
C41
C29
C6
C5
Z28
Z29
Z30
Z31
C13
C14
Z32
Z33
Z34
Z35
Z44
Printed Balun Output
TOP
BOTTOM
Z1
Printed Balun Input
TOP
BOTTOM


Similar Part No. - MRF6VP3450HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP3450HR6 FREESCALE-MRF6VP3450HR6 Datasheet
642Kb / 18P
   RF Power Field Effect Transistors
MRF6VP3450HR6 FREESCALE-MRF6VP3450HR6 Datasheet
1Mb / 18P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
MRF6VP3450HR6 NXP-MRF6VP3450HR6 Datasheet
1Mb / 18P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 4, 4/2010
logo
Freescale Semiconductor...
MRF6VP3450HR6 FREESCALE-MRF6VP3450HR6_10 Datasheet
1Mb / 18P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6VP3450HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com