Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6S9060NBR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF6S9060NBR1
Description  RF Power Field Effect Transistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S9060NBR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF6S9060NBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6S9060NBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S9060NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S9060NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S9060NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S9060NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S9060NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S9060NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S9060NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6S9060NR1 MRF6S9060NBR1
TYPICAL CHARACTERISTICS
−24
−20
920
840
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 3. Single-Carrier N-CDMA Broadband Performance @ Pout = 14 Watts Avg.
900
890
880
870
860
850
20.6
22
21.8
−65
40
35
30
−50
−55
−60
ηD
21.6
21.4
21.2
21
20.8
−45
910
ALT1
−16
−12
−8
VDD = 28 Vdc, Pout = 14 W (Avg.), IDQ = 450 mA
N−CDMA IS−95 Pilot, Sync, Paging, Traffic Codes
8 Through 13
−20
−16
920
840
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 4. Single-Carrier N-CDMA Broadband Performance @ Pout = 28 Watts Avg.
900
890
880
870
860
850
20
21.6
21.4
−64
50
48
46
−40
−48
−56
ηD
21.2
21
20.8
20.6
20.4
−32
910
ALT1
−12
−8
−4
VDD = 28 Vdc, Pout = 28 W (Avg.), IDQ = 450 mA
N−CDMA IS−95 Pilot, Sync, Paging, Traffic Codes
8 Through 13
Figure 5. Two-Tone Power Gain versus
Output Power
100
17
23
IDQ = 675 mA
Pout, OUTPUT POWER (WATTS) PEP
21
19
10
22
20
550 mA
450 mA
1
300
VDD = 28 Vdc, f1 = 880 MHz, f2 = 880.1 MHz
Two−Tone Measurements
Figure 6. Third Order Intermodulation Distortion
versus Output Power
−30
−10
1
Pout, OUTPUT POWER (WATTS) PEP
10
−20
100
−60
−40
IDQ = 225 mA
350 mA
−50
20.2
44
18
350 mA
225 mA
VDD = 28 Vdc, f1 = 880 MHz, f2 = 880.1 MHz
Two−Tone Measurements
450 mA
550 mA
675 mA
300


Similar Part No. - MRF6S9060NBR1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MRF6S9060NBR1 FAIRCHILD-MRF6S9060NBR1 Datasheet
628Kb / 16P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6S9060NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com