Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17531A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 17531A
Description  700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17531A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  17531A Datasheet HTML 1Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 2Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 3Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 4Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 5Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 6Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 7Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 8Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MPC17531A
Rev. 3.0, 2/2008
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
700 mA Dual H-Bridge Motor
Driver with 3.0 V Compatible
Logic I/O
The 17531A is a monolithic dual H-Bridge power IC ideal for
portable electronic applications containing bipolar step motors and/or
brush DC-motors (e.g., cameras and disk drive head positioners).
The 17531A operates from 2.0 V to 8.6 V using the internal charge
pump, with independent control of each H-Bridge via parallel MCU
interface. The device features built-in shoot-through current
protection and an undervoltage shutdown function.
The 17531A has four operating modes: Forward, Reverse, Brake,
and Tri-Stated (High Impedance). The 17531A has a low total
RDS(ON) of 1.2 (max @ 25°C).
The 17531A efficiently drives many types of micromotors with low
power dissipation owing to its low output resistance and high output
slew rates. The H-Bridge outputs can be independently pulse width
modulated (PWM’ed) at up to 200 kHz for speed/torque and current
control.
Features
• Low Total RDS(ON) 0.8 W (Typ), 1.2 (Max) @ 25°C
• Output Current 0.7 A (DC)
• Shoot-Through Current Protection Circuit
• PWM Control Input Frequency up to 200 kHz
• Built-In Charge Pump Circuit
• Low Power Consumption
• Undervoltage Detection and Shutdown Circuit
• Power Save Mode with Current Draw
≤ 2.0 µA
• Pb-Free Packaging Designated by Suffix Codes EV and EP
Figure 1. 17531A Simplified Application Diagram
DUAL H-BRIDGE
VMFP SUFFIX
EV SUFFIX (PB-FREE)
98ASA10616D
20-TERMINAL VMFP
17531A
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17531AEV/EL
-20°C to 65°C
20 VMFP
MPC17531AEP/R2
24 QFN
QFN SUFFIX
EP SUFFIX (PB-FREE)
98ARL10577D
24-TERMINAL QFN
CRES
C1L
C1H
C2L
C2H
IN2B
PSAVE
IN2A
IN1A
OUT2B
OUT2A
OUT1B
OUT1A
VM
GND
MCU
IN1B
3.0 V
5.0 V
17531A
Bipolar
Step
Motor
N
S
VDD


Similar Part No. - 17531A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17531 ETC2-17531 Datasheet
2Mb / 6P
   Except for the Wattmeters Frequency Meters
logo
Weidmuller
1753122001 WEIDMULLER-1753122001 Datasheet
96Kb / 5P
   SL-SMT3.5/16/180G 1.5SN
logo
PHOENIX CONTACT
1753129 PHOENIX-1753129 Datasheet
57Kb / 4P
   Printed-circuit board connector - IC 2,5/ 5-G-5,08 AU
1753132 PHOENIX-1753132 Datasheet
71Kb / 3P
   Printed-circuit board connector - CCDN 2,5/ 2-G1-5,08 P26 THR
1753158 PHOENIX-1753158 Datasheet
71Kb / 3P
   Printed-circuit board connector - CCDN 2,5/ 4-G1-5,08 P26 THR
More results

Similar Description - 17531A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17529 FREESCALE-17529 Datasheet
431Kb / 12P
   0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
MPC17531A FREESCALE-MPC17531A Datasheet
501Kb / 19P
   700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
logo
Motorola, Inc
MPC17529 MOTOROLA-MPC17529 Datasheet
450Kb / 12P
   0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
   1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com