Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM908E622ACDWBR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MM908E622ACDWBR2
Description  Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E622ACDWBR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MM908E622ACDWBR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E622ACDWBR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E622ACDWBR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E622ACDWBR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E622ACDWBR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E622ACDWBR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E622ACDWBR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E622ACDWBR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E622ACDWBR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
908E622
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LIN PHYSICAL LAYER
LIN Transceiver Output Voltage
Recessive State, TXD HIGH, IOUT = 1.0μA
Dominant State, TXD LOW, 500
Ω External Pullup Resistor
VLIN_REC
VLIN_DOM
VSUP-1
1.4
V
Normal Mode Pullup Resistor to VSUP
RPU
20
30
47
k
Ω
Stop, Sleep Mode Pullup Current Source
IPU
—20
μA
Output Current Shutdown Threshold
IBLIM
100
230
280
mA
Output Current Shutdown Timing
IBLS
5.0
40
µs
Leakage Current to GND
VSUP Disconnected, VBUS at 18V
Recessive state, 8.0V
≤ VSUP ≤ 18V, 8.0V ≤ VBUS ≤ 18V, VBUS ≥ VSUP
GND Disconnected, VGND = VSUP, VBUS at -18V
IBUS
IBUS-PAS-REC
IBUS-NOGND
0.0
-1.0
1.0
3.0
10
20
1.0
µA
µA
mA
LIN Receiver
Receiver Threshold Dominant
Receiver Threshold Recessive
Receiver Threshold Center
Receiver Threshold Hysteresis
VBUS_DOM
VBUS_REC
VBUS_CNT
VBUS_HYS
0.6
0.475
0.5
0.4
0.525
0.175
VSUP
Table 3. Static Electrical Characteristics (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0V VSUP 16V, -40°C TJ 125°C, unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MM908E622ACDWBR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E622ACDWB FREESCALE-MM908E622ACDWB Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
More results

Similar Description - MM908E622ACDWBR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com