Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD7P19130HSR3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MD7P19130HSR3
Description  RF Power Field Effect Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MD7P19130HSR3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MD7P19130HSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MD7P19130HSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MD7P19130HSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MD7P19130HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MD7P19130HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MD7P19130HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MD7P19130HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MD7P19130HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MD7P19130HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MD7P19130HR3 MD7P19130HSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for CDMA base station applications with frequencies from 1930 to
1990 MHz. Suitable for CDMA and multicarrier amplifier applications. To be
used in Class AB and Class C for PCN - PCS/cellular radio and WLL
applications.
• Typical Single-Carrier W-CDMA Performance: VDD = 28 Volts,
IDQ = 1250 mA, Pout = 40 Watts Avg., Full Frequency Band, 3GPP Test
Model 1, 64 DPCH with 50% Clipping, Channel Bandwidth = 3.84 MHz,
Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF.
Power Gain — 20 dB
Drain Efficiency — 30%
Device Output Signal PAR — 6 dB @ 0.01% Probability on CCDF
ACPR @ 5 MHz Offset — -36 dBc in 3.84 MHz Channel Bandwidth
• Capable of Handling 10:1 VSWR, @ 32 Vdc, 1960 MHz, 130 Watts CW
Output Power
• Pout @ 1 dB Compression Point w 130 Watts CW
Features
• 100% PAR Tested for Guaranteed Output Power Capability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Internally Matched for Ease of Use
• Integrated ESD Protection
• Greater Negative Gate-Source Voltage Range for Improved Class C
Operation
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-6.0, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access
MTTF calculators by product.
Document Number: MD7P19130H
Rev. 0, 5/2008
Freescale Semiconductor
Technical Data
1930 -1990 MHz, 40 W AVG., 28 V
SINGLE W-CDMA
LATERAL N-CHANNEL
RF POWER MOSFETs
MD7P19130HR3
MD7P19130HSR3
CASE 465H-02, STYLE 1
NI-780S-4
MD7P19130HSR3
CASE 465M-01, STYLE 1
NI-780-4
MD7P19130HR3
(Top View)
RFoutA/VDSA
32
Figure 1. Pin Connections
41 RFoutB/VDSB
RFinA/VGSA
RFinB/VGSB
© Freescale Semiconductor, Inc., 2008. All rights reserved.


Similar Part No. - MD7P19130HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MD7P19130H FREESCALE-MD7P19130H_10 Datasheet
756Kb / 16P
   RF Power Field Effect Transistors
More results

Similar Description - MD7P19130HSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com