Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF52274 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF52274
Description  ColdFire짰 Microprocessor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52274 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF52274 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52274 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52274 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52274 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52274 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52274 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52274 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52274 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52274 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
MCF5227x ColdFire® Microprocessor Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
MCF5227x Family Comparison
Freescale Semiconductor
4
1
MCF5227x Family Comparison
The following table compares the various device derivatives available within the MCF5227x family.
Table 1. MCF5227x Family Configurations
Module
MCF52274
MCF52277
ColdFire Version 2 Core with EMAC
(Enhanced Multiply-Accumulate Unit)
••
Core (System) Clock
up to 120 MHz
up to 166.67 MHz
Peripheral and External Bus Clock
(Core clock
÷ 2)
up to 60 MHz
up to 83.33 MHz
Performance (Dhrystone/2.1 MIPS)
up to 114
up to 159
Static RAM (SRAM)
128 Kbytes
Configurable Cache
8 Kbytes
ASP Touchscreen Controller
LCD Controller
12-bit color
18-bit color
USB 2.0 On-the-Go
FlexBus External Interface
SDR/DDR SDRAM Controller
FlexCAN 2.0B communication module
Real Time Clock
Watchdog Timer
16-channel Direct Memory Access (DMA)
Interrupt Controllers (INTC)
1
1
Synchronous Serial Interface (SSI)
I2C•
DSPI
UARTs
3
3
32-bit DMA Timers
4
4
Periodic Interrupt Timers (PIT)
2
2
PWM Module
Edge Port Module (EPORT)
General Purpose I/O Module (GPIO)
JTAG - IEEE® 1149.1 Test Access Port
Package
176 LQFP
196 MAPBGA


Similar Part No. - MCF52274

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52274CLU120 FREESCALE-MCF52274CLU120 Datasheet
1Mb / 46P
   ColdFire Microprocessor
More results

Similar Description - MCF52274

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
   ColdFire짰 Integrated Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com