Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145170DT2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC145170DT2
Description  PLL Frequency Synthesizer with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145170DT2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC145170DT2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145170DT2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145170DT2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145170DT2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145170DT2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145170DT2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145170DT2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145170DT2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145170DT2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Electrical Characteristics
MC145170-2 Technical Data, Rev. 5
Freescale Semiconductor
5
Table 4. AC Interface Characteristics
( TA = -40 to 85°C, CL = 50 pF, Input tr = tf = 10 ns, unless otherwise noted.)
Parameter
Symbol
Figure
No.
VDD
V
Guaranteed
Limit
Unit
Serial Data Clock Frequency (Note: Refer to Clock tw Below)
fclk
2
2.7
4.5
5.5
dc to 3.0
dc to 4.0
dc to 4.0
MHz
Maximum Propagation Delay, CLK to Dout
tPLH, tPHL
2, 6
2.7
4.5
5.5
150
85
85
ns
Maximum Disable Time, Dout Active to High Impedance
tPLZ, tPHZ
3, 7
2.7
4.5
5.5
300
200
200
ns
Access Time, Dout High Impedance to Active
tPZL, tPZH
3, 7
2.7
4.5
5.5
0 to 200
0 to 100
0 to 100
ns
Maximum Output Transition Time, Dout
CL = 50 pF
tTLH, tTHL
2, 6
2.7
4.5
5.5
150
50
50
ns
CL = 200 pF
2, 6
2.7
4.5
5.5
900
150
150
ns
Maximum Input Capacitance - Din, ENB, CLK
Cin
-
10
pF
Maximum Output Capacitance - Dout
Cout
-
10
pF
Table 5. Timing Requirements (TA = -40 to 85°C, Input tr = tf = 10 ns, unless otherwise noted.)
Parameter
Symbol
Figure
No.
VDD
V
Guaranteed
Limit
Unit
Minimum Setup and Hold Times, Din vs CLK
tsu, th
4
2.7
4.5
5.5
55
40
40
ns
Minimum Setup, Hold, and Recovery Times, ENB vs CLK
tsu, th, trec
5
2.7
4.5
5.5
135
100
100
ns
Minimum Inactive-High Pulse Width, ENB
tw(H)
5
2.7
4.5
5.5
400
300
300
ns
Minimum Pulse Width, CLK
tw
2
2.7
4.5
5.5
166
125
125
ns
Maximum Input Rise and Fall Times, CLK
tr, tf
2
2.7
4.5
5.5
100
100
100
µs


Similar Part No. - MC145170DT2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170DT2 MOTOROLA-MC145170DT2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
MC145170DT2 LANSDALE-MC145170DT2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145170DT2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com