Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145170-2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC145170-2
Description  PLL Frequency Synthesizer with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145170-2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC145170-2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145170-2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145170-2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145170-2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145170-2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145170-2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145170-2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145170-2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145170-2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Electrical Characteristics
MC145170-2 Technical Data, Rev. 5
Freescale Semiconductor
7
Figure 8. Test Circuit, fin
Table 6. Loop Specifications (TA = -40 to 85°C)
Parameter
Test Condition
Symbol
Figure
No.
VDD
V
Guaranteed Range
Unit
Min
Max
Input Frequency, fin [Note]
Vin ≥ 500 mVpp Sine
Wave, N Counter Set to
Divide Ratio Such that
fV ≤ 2.0 MHz
f
8
2.7
3.0
4.5
5.5
5.0
5.0
25
45
80
100
185
185
MHz
Input Frequency, OSCin
Externally Driven with
ac-coupled Signal
Vin ≥ 1.0 Vpp Sine Wave,
OSCout = No Connect,
R Counter Set to Divide
Ratio Such that fR ≤ 2 MHz
f
9
2.7
3.0
4.5
5.5
1.0*
1.0*
1.0*
1.0*
22
25
30
35
MHz
Crystal Frequency, OSCin
and OSCout
C1
≤ 30 pF
C2
≤ 30 pF
Includes Stray
Capacitance
fXTAL
11
2.7
3.0
4.5
5.5
2.0
2.0
2.0
2.0
12
12
15
15
MHz
Output Frequency, REFout
CL = 30 pF
fout
12, 14
2.7
4.5
5.5
dc
dc
dc
-
10
10
MHz
Operating Frequency of the
Phase Detectors
f
2.7
4.5
5.5
dc
dc
dc
-
2.0
2.0
MHz
Output Pulse Width,
φ
R, φV,
and LD
fR in Phase with fV
CL = 50 pF
tw
13, 14
2.7
4.5
5.5
-
20
16
-
100
90
ns
Output Transition Times,
φ
R, φV, LD, fR, and fV
CL = 50 pF
tTLH,
tTHL
13, 14
2.7
4.5
5.5
-
-
-
-
65
60
ns
Input Capacitance fin
OSCin
Cin
-
-
-
-
-
-
7.0
7.0
pF
* If lower frequency is desired, use wave shaping or higher amplitude sinusoidal signal in ac-coupled case. Also, see
Figure 25 on page 22 for dc coupling.
Sine Wave
Generator
100 pF
MC145170-2
Test Point
V+
V
DD
f
in
f
V
V
in
50
Ω*
V
SS
*Characteristic impedance


Similar Part No. - MC145170-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145170-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com