Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33996EKR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC33996EKR2
Description  16 Output Switch with SPI Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33996EKR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33996EKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33996EKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33996EKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33996EKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33996EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33996EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33996EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33996EKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33996EKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33996
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions of 3.1 V
≤ SOPWR ≤ 5.5 V, 5.0 V ≤ VPWR ≤ 18 V, -40°C ≤ TA ≤ 125°C unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING (VPWR)
Output Slew Rate
RL = 60Ω (15)
SR
1.0
2.0
10
V/
μs
Output Turn ON Delay Time (16)
tDLY(ON)
1.0
2.0
10
μs
Output Turn OFF Delay Time (16)
tDLY(OFF)
1.0
4.0
10
μs
Output ON Short Fault Disable Report Delay (17)
tDLY(SHORT)
100
450
μs
Output OFF Open Fault Delay Time (17)
tDLY(OPEN)
100
450
μs
Output PWM Frequency
tFREQ
2.0
kHz
DIGITAL INTERFACE TIMING (CS, SO, SI, SCLK) (23)
Required Low State Duration on VPWR for Reset
VPWR ≤ 0.2V (18)
tRST
10
μs
Falling Edge of CS to Rising Edge of SCLK
Required Setup Time
tLEAD
100
ns
Falling Edge of SCLK to Rising Edge of CS
Required Setup Time
tLAG
50
ns
SI to Falling Edge of SCLK
Required Setup Time
tSI(su)
16
ns
Falling Edge of SCLK to SI
Required Hold Time
tSI(hold)
20
ns
SI, CS, SCLK Signal Rise Time (19)
tR(SI)
5.0
ns
SI, CS, SCLK Signal Fall Time (19)
tF(SI)
5.0
ns
Time from Falling Edge of CS to SO Low-impedance (20)
tSO(EN)
50
ns
Time from Rising Edge of CS to SO High-impedance (21)
tSO(DIS)
50
ns
Time from Rising Edge of SCLK to SO Data Valid (22)
tVALID
25
80
ns
Notes
15.
Output slew rate measured across a 60
Ω resistive load.
16.
Output turn ON and OFF delay time measured from 50% rising edge of CS to 80% and 20% of initial voltage.
17.
Duration of fault before fault bit is set. Duration between access times must be greater than 450
μs to read faults.
18.
This parameter is guaranteed by design; however, it is not production tested.
19.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
20.
Time required for valid output status data to be available on SO pin.
21.
Time required for output states data to be terminated at SO pin.
22.
Time required to obtain valid data out from SO following the rise of SCLK with 200pF load.
23.
This parameter is guaranteed by design. Production test equipment used 4.16MHz, 5.5/3.1V SPI Interface.


Similar Part No. - MC33996EKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33996EKR2 FREESCALE-MC33996EKR2 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
More results

Similar Description - MC33996EKR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
logo
Freescale Semiconductor...
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com