Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33972DWBR2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC33972DWBR2
Description  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33972DWBR2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33972DWBR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33972DWBR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33972DWBR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33972DWBR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33972DWBR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33972DWBR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33972DWBR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33972DWBR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33972DWBR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33972
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.1V
≤ V
DD ≤ 5.25V, 8.0V ≤ VPWR ≤ 16V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
SWITCH INPUT
Pulse Wetting Current Time
tPULSE(ON)
15
16
20
ms
Interrupt Delay Time
Normal Mode
tINT-DLY
5.0
16
μs
Sleep Mode Switch Scan Time
tSCAN
100
200
300
μs
Calibrated Scan Timer Accuracy
Sleep Mode
tSCAN TIMER
10
%
Calibrated Interrupt Timer Accuracy
Sleep Mode
tINT TIMER
10
%
DIGITAL INTERFACE TIMING(13)
Required Low-state Duration on VPWR for Reset
(14)
VPWR ≤ 0.2 V
tRESET
10
μs
Falling Edge of CS to Rising Edge of SCLK
Required Setup Time
tLEAD
100
ns
Falling Edge of SCLK to Rising Edge of CS
Required Setup Time
tLAG
50
ns
SI to Falling Edge of SCLK
Required Setup Time
tSI(SU)
16
ns
Falling Edge of SCLK to SI
Required Hold Time
tSI(HOLD)
20
ns
SI, CS, SCLK Signal Rise Time(15)
tR(SI)
5.0
ns
SI, CS, SCLK Signal Fall Time(15)
tF(SI)
5.0
ns
Time from Falling Edge of CS to SO Low-impedance(16)
tSO(EN)
55
ns
Time from Rising Edge of CS to SO High-impedance(17)
tSO(DIS)
55
ns
Time from Rising Edge of SCLK to SO Data Valid(18)
tVALID
25
55
ns
Notes
13.
These parameters are guaranteed by design. Production test equipment uses 4.16MHz, 5.0V SPI interface.
14.
This parameter is guaranteed by design but not production tested.
15.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
16.
Time required for valid output status data to be available on SO pin.
17.
Time required for output states data to be terminated at SO pin.
18.
Time required to obtain valid data out from SO following the rise of SCLK with 200pF load.


Similar Part No. - MC33972DWBR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33972DWB MOTOROLA-MC33972DWB Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972DWB/R2 MOTOROLA-MC33972DWB/R2 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Freescale Semiconductor...
MC33972DWB/R2 FREESCALE-MC33972DWB/R2 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972DWB/R2 FREESCALE-MC33972DWB/R2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
More results

Similar Description - MC33972DWBR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com