Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13211 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC13211
Description  ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13211 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC13211 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13211 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.4
Freescale Semiconductor
3
1.1
Ordering Information
Table 1 provides additional details about the MC1321x family.
1.2
General Platform Features
802.15.4 Standard compliant on-chip transceiver/modem
— 2.4GHz
— 16 selectable channels
— Programmable output power
Multiple power saving modes
2V to 3.4V operating voltage with on-chip voltage regulators
-40°C to +85°C temperature range
Low external component count
Supports single 16 MHz crystal clock source operation or dual crystal operation
Support for SMAC, 802.15.4 Standard, and ZigBee software
9mm x 9mm x 1mm 71-pin LGA
Table 1. Orderable Parts Details
Device
Operating
Temp Range
(TA.)
Package
Memory
Options
Description
MC13211
-40° to 85° C LGA
1KB RAM,
16KB Flash
Intended for proprietary applications and Freescale Simple MAC
(SMAC)
MC13211R2
-40° to 85° C LGA
Tape and Reel
1KB RAM,
16KB Flash
Intended for proprietary applications and Freescale Simple MAC
(SMAC)
MC13212
-40° to 85° C LGA
2KB RAM,
32KB Flash
Intended for 802.15.4 Standard compliant applications and
Freescale 802.15.4 MAC
MC13212R2 -40° to 85° C LGA
Tape and Reel
2KB RAM,
32KB Flash
Intended for 802.15.4 Standard compliant applications and
Freescale 802.15.4 MAC
MC13213
-40° to 85° C LGA
4KB RAM,
60KB Flash
Intended for 802.15.4 Standard compliant applications and the
Freescale 802.15.4 MAC and fully ZigBee compliant Freescale
BeeStack.
MC13213R2 -40° to 85° C LGA
Tape and Reel
4KB RAM,
60KB Flash
Intended for 802.15.4 Standard compliant applications and
Freescale 802.15.4 MAC and fully ZigBee compliant Freescale
BeeStack.


Similar Part No. - MC13211

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13211 NXP-MC13211 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211R2 FREESCALE-MC13211R2 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
More results

Similar Description - MC13211

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com