Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33972TEW Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCZ33972TEW
Description  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33972TEW Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33972TEW Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33972
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. SPI Timing Characteristics
Figure 5. Sleep Mode to Normal Mode Operation
.
Figure 6. Normal Mode Interrupt Operation
tSO(DIS)
0.7 VDD
0.2 VDD
0.2 VDD
0.7 VDD
0.2 VDD
tLEAD
tSO(EN)
tSI(SU) tSI(HOLD)
tVALID
tLAG
CS
SCLK
SI
SO
MSB IN
MSB OUT
LSB OUT
0.7 VDD
0.2 VDD
VPWR
VDD
WAKE
INT
CS
SGn
Power-Up
Sleep
Sleep Mode
Normal
Mode
Sleep Command
Sleep Mode
Normal
Mode
Sleep Command
Wake-Up From Interrupt
Timer Expire
Wake-Up From
Closed Switch
Command
Normal Mode
Tri-State
Command
(Disable
Tri-State)
INT
CS
SGn
Switch open “0”
1
SGn Bit in SPI Word
Switch closed “1”
1
0
0
1
Switch
Command
0
on falling edge of CS
Latch switch status
Switch state change with
CS LOW generates INT
Switch state change with
CS LOW generates INT
Rising edge of CS does not
clear INT because state change
occurred while CS was LOW
Status
Switch
Command
Status
Switch
Command
Status
Switch
Command
Status
Switch
Command
Status
Switch
Command
Status


Similar Part No. - MCZ33972TEW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33972TEW/R2 FREESCALE-MCZ33972TEW/R2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
More results

Similar Description - MCZ33972TEW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com