Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMG3002NT1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMG3002NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3002NT1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMG3002NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3002NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3002NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3002NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3002NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3002NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3002NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3002NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3002NT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MMG3002NT1
50 OHM APPLICATION CIRCUIT: 3400-3600 MHz
C1
L1
C2
R1
C5
C4
C3
3700
3200
3300
3800
Figure 20. 50 Ohm Test Circuit Schematic
Figure 21. S21, S11 and S22 versus Frequency
f, FREQUENCY (MHz)
Figure 22. 50 Ohm Test Circuit Component Layout
−30
20
VCC = 5.2 Vdc
ICC = 110 mA
S22
10
0
−10
−20
S21
S11
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
C4
Z1
Z2
C1
Z6
C2
R1
L1
VCC
Z5
Z3
DUT
Z1, Z6
0.347″ x 0.058″ Microstrip
Z2
0.575″ x 0.058″ Microstrip
Z3
0.086″ x 0.058″ Microstrip
Z4
0.085″ x 0.058″ Microstrip
Z5
0.404″ x 0.058″ Microstrip
PCB
Getek Grade ML200C, 0.031″, εr = 4.1
3400
3500
3600
Z4
C5
MMG30XX
Rev 2
Table 11. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
150 pF Chip Capacitors
C0603C151J5RAC
Kemet
C3
0.1 μF Chip Capacitor
C0603C104J5RAC
Kemet
C4
1 μF Chip Capacitor
C0603C105J5RAC
Kemet
C5 (1)
0.1 pF Chip Capacitor
06035J0R1BS
AVX
L1
39 nH Chip Inductor
HK160839NJ-T
Taiyo Yuden
R1
7.5 W Chip Resistor
RK73B2ATTE7R5J
KOA Speer
1. Tuning capacitor: Capacitor value and location on the transmission line are varied for different frequencies.


Similar Part No. - MMG3002NT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMG3002NT1 MOTOROLA-MMG3002NT1 Datasheet
208Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1 Datasheet
559Kb / 16P
   Heterojunction Bipolar Transistor
logo
NXP Semiconductors
MMG3002NT1 NXP-MMG3002NT1 Datasheet
493Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 12, 9/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_12 Datasheet
559Kb / 16P
   Heterojunction Bipolar Transistor
More results

Similar Description - MMG3002NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com