Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUL138 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUL138
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL138 Datasheet(HTML) 2 Page - STMicroelectronics

  BUL138 Datasheet HTML 1Page - STMicroelectronics BUL138 Datasheet HTML 2Page - STMicroelectronics BUL138 Datasheet HTML 3Page - STMicroelectronics BUL138 Datasheet HTML 4Page - STMicroelectronics BUL138 Datasheet HTML 5Page - STMicroelectronics BUL138 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
1.56
62.5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 800 V
VCE = 800 V
Tj = 125
oC
100
500
µA
µA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 400 V
250
µA
VCEO(sus)
Collector-Emitter
Sustaining Voltage
IC = 100 mA
L = 25 mH
400
V
VEBO
Emitter-Base Voltage
IE = 10 mA
9
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 1 A
IB = 0.2 A
IC = 2 A
IB = 0.4 A
IC = 3 A
IB = 0.6 A
IC = 4 A
IB = 1 A
IC = 5 A
IB = 1 A
0.7
0.5
0.7
1
1
V
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 1 A
IB = 0.2 A
IC = 2 A
IB = 0.4 A
IC = 3 A
IB = 0.6 A
1.1
1.3
1.5
V
V
V
hFE
DC Current Gain
IC = 2 A
VCE = 5 V
IC = 10 mA
VCE = 5 V
8
10
40
ts
RESISTIVE LOAD
Storage Time
IC = 2 A
IB1 = -IB2 = 0.4 A
VCC = 250 V
2.4
3.5
µs
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 2 A
IB1 = 0.4 A
VBE(off) = -5 V
RBB = 0
VCL = 250 V
L = 200
µH
0.7
50
1.4
100
µs
ns
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 2 A
IB1 = 0.4 A
VBE(off) = -5V
RBB = 0
VCL = 250 V
L = 200
µH
Tj = 125
oC
1
75
µs
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Areas
Derating Curve
BUL138
2/6


Similar Part No. - BUL138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - BUL138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com