Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS2030 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2030
Description  LOW DROP POWER SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2030 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2030 Datasheet HTML 1Page - STMicroelectronics STPS2030 Datasheet HTML 2Page - STMicroelectronics STPS2030 Datasheet HTML 3Page - STMicroelectronics STPS2030 Datasheet HTML 4Page - STMicroelectronics STPS2030 Datasheet HTML 5Page - STMicroelectronics STPS2030 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STPS2030CT/CG/CR
2/6
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
Tj = 25°C
VR =VRRM
0.15
1.0
mA
Tj = 125°C
80
160
VF *
Forward voltage drop
Tj = 25
°CIF =10 A
0.44
0.50
V
Tj = 125°C
IF =10 A
0.34
0.40
Tj=25
°CIF =20 A
0.50
0.58
Tj = 125°C
IF =20 A
0.44
0.52
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation :
P=0.28xIF(AV) + 0.012 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case TO-220AB - D
2PAK-I2PAK
Per diode
Total
2.2
1.3
°C/W
Rth(c)
Coupling
0.3
°C/W
THERMAL RESISTANCES
P
(W)
F(AV)
0
1
2
3
4
5
6
0123
456789
10
11
12
13
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 1: Conduction losses versus average current.
I
(A)
F(AV)
0
1
2
3
4
5
6
7
8
9
10
11
0
25
50
75
100
125
150
T
(°C)
amb
T
δ=tp/T
tp
R=R
th(j-a)
th(j-c)
R
=50°C/W
th(j-a)
Fig. 2: Average forward current versus ambient
temperature(
δ = 0.5).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.


Similar Part No. - STPS2030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS200170TV1 STMICROELECTRONICS-STPS200170TV1 Datasheet
101Kb / 7P
   High voltage power Schottky rectifier
STPS200170TV1Y STMICROELECTRONICS-STPS200170TV1Y Datasheet
107Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS20100 STMICROELECTRONICS-STPS20100 Datasheet
180Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20100CT STMICROELECTRONICS-STPS20100CT Datasheet
180Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS20100CT ISC-STPS20100CT Datasheet
295Kb / 2P
   High Voltage Power Schottky Rectifier
More results

Similar Description - STPS2030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com