Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78XXAB Datasheet(PDF) 5 Page - STMicroelectronics

Part # L78XXAB
Description  Precision 1 A regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78XXAB Datasheet(HTML) 5 Page - STMicroelectronics

  L78XXAB Datasheet HTML 1Page - STMicroelectronics L78XXAB Datasheet HTML 2Page - STMicroelectronics L78XXAB Datasheet HTML 3Page - STMicroelectronics L78XXAB Datasheet HTML 4Page - STMicroelectronics L78XXAB Datasheet HTML 5Page - STMicroelectronics L78XXAB Datasheet HTML 6Page - STMicroelectronics L78XXAB Datasheet HTML 7Page - STMicroelectronics L78XXAB Datasheet HTML 8Page - STMicroelectronics L78XXAB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
L78xxAB - L78xxAC
Maximum ratings
5/26
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
for VO= 5 to 18V
35
V
for VO= 20, 24V
40
IO
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L7800AC
0 to 150
°C
for L7800AB
-40 to 125
Table 3.
Thermal data
Symbol
Parameter
TO-220
TO-220FP
D2PAK
Unit
RthJC
Thermal resistance junction-case
3
5
3
°C/W
RthJA
Thermal resistance junction-ambient
50
60
62.5
°C/W
Figure 4.
Application circuit


Similar Part No. - L78XXAB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 52P
   Positive voltage regulators
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Guangdong Youtai Semico...
L78XX UMW-L78XX Datasheet
1Mb / 11P
   Three-terminal positive voltage regulator
L78XX UMW-L78XX Datasheet
2Mb / 9P
   Three-terminal positive voltage regulator
L78XX UMW-L78XX Datasheet
1Mb / 11P
   Three-terminal positive voltage regulator
More results

Similar Description - L78XXAB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805AB STMICROELECTRONICS-L7805AB_08 Datasheet
780Kb / 26P
   Precision 1 A regulators
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
   Precision Voltage Regulators
L7800AB STMICROELECTRONICS-L7800AB Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
logo
Texas Instruments
UA723 TI1-UA723 Datasheet
806Kb / 21P
[Old version datasheet]   PRECISION VOLTAGE REGULATORS
logo
STMicroelectronics
L78M00AB STMICROELECTRONICS-L78M00AB Datasheet
203Kb / 17P
   PRECISION 500mA REGULATORS
L7800AB STMICROELECTRONICS-L7800AB_07 Datasheet
373Kb / 28P
   Precision 1A regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com