Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95256RCS6G Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95256RCS6G
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256RCS6G Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95256RCS6G Datasheet HTML 6Page - STMicroelectronics M95256RCS6G Datasheet HTML 7Page - STMicroelectronics M95256RCS6G Datasheet HTML 8Page - STMicroelectronics M95256RCS6G Datasheet HTML 9Page - STMicroelectronics M95256RCS6G Datasheet HTML 10Page - STMicroelectronics M95256RCS6G Datasheet HTML 11Page - STMicroelectronics M95256RCS6G Datasheet HTML 12Page - STMicroelectronics M95256RCS6G Datasheet HTML 13Page - STMicroelectronics M95256RCS6G Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Signal description
M95256, M95256-W, M95256-R
10/44
3.6
Write Protect (W)
The main purpose of this input signal is to freeze the size of the area of memory that is
protected against Write instructions (as specified by the values in the BP1 and BP0 bits of
the Status Register).
This pin must be driven either high or low, and must be stable during all write instructions.
3.7
VSS ground
VSS is the reference for the VCC supply voltage.
3.8
Supply voltage (VCC)
3.8.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 7, Table 8 and
Table 9.). This voltage must remain stable and valid until the end of the transmission of the
instruction and, for a Write instruction, until the completion of the internal write cycle (tW). In
order to secure a stable DC supply voltage, it is recommended to decouple the VCC line with
a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package
pins.
3.8.2
Power-up conditions
When the power supply is turned on, VCC continuously rises from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage, it is
therefore recommended to connect the S line to VCC via a suitable pull-up resistor (see
Figure 13).
In addition, the Chip Select (S) input offers a built-in safety feature, as the S input is edge-
sensitive as well as level-sensitive: after power-up, the device does not become selected
until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select
(S) must have been high, prior to going low to start the first operation.
The VCC rise time must not vary faster than 1 V/µs.
When VCC passes over the POR threshold, the device is reset and enters the Standby
Power mode. However, the device must not be accessed until VCC reaches a valid and
stable VCC voltage within the specified [VCC(min), VCC(max)] range.
3.8.3
Device Reset
In order to prevent inadvertent write operations during power-up (continuous rise in VCC), a
power on reset (POR) circuit is included. At power-up, the device does not respond to any
instruction until VCC has reached the power on reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Table 7, Table 8 and Table 9).
When VCC passes over the POR threshold, the device is reset and enters the following
state:
Standby Power mode


Similar Part No. - M95256RCS6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M95256 STMICROELECTRONICS-M95256 Datasheet
373Kb / 43P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256-A125 STMICROELECTRONICS-M95256-A125 Datasheet
798Kb / 44P
   Automotive 256-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
More results

Similar Description - M95256RCS6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
M95256 STMICROELECTRONICS-M95256_08 Datasheet
373Kb / 43P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
   32-Kbit serial SPI bus EEPROM with high-speed clock
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
   128-Kbit serial SPI bus EEPROM with high-speed clock
Rev 20 - October 2020
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
   16-Kbit serial SPI bus EEPROM with high-speed clock
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
   64-Kbit serial SPI bus EEPROM with high-speed clock
Rev 19 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com