Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44BS373CADR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC44BS373CADR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
MC44BS373CA Data Sheet
Pin Descriptions
•I2C bus 3.3-V compatible
Lower power consumption in normal and standby modes (–2 mA)
Can be powered down without holding down I2C lines
TB1 bit no longer available (limited compatibility with MC44355 devices no longer available)
New SREF bit to program sound reference frequency (31.25 and 62.5 kHz)
Four different I2C addresses selectable by single pin with external resistor (available only in QFN20
package)
Direct sound RF modulator (FM and AM sound modulators bypassed) for NICAM or stereo sound
applications (available only in QFN20 package)
Switch between two integrated VCOs controlled directly by frequency divider (at 700 MHz)
Lower RF second harmonic spurious but higher third harmonic spurious. In applications it is easier
to filter UHF third harmonics spurious than second harmonics, as these frequencies are always out
of the UHF band. Unfortunately, the second harmonic can fall back into the same UHF band (for
instance channel 21 second harmonic). For this reason, it is almost impossible to have a good
rejection of low UHF second harmonic with an external low-pass filter. This is why the design has
been optimized for maximum second harmonic rejection in spite of an increase in the third
harmonic level.
3 Pin Descriptions
This section describes the pins of the MC44BS373CA. First the 16-pin package will be considered, then the
20-pin package.
3.1 SO16 Package Pin Descriptions
The pins of the 16-pin package are listed in Table 1, along with a description of each.
Table 1. SO16 Package Pin Descriptions
Pin
Name
Description
Pin
Name
Description
1SCL
I2C clock
9
VIDEO
Video input
2SDA
I2C data
10
VCCA
Main analog supply voltage
3
LOP
Logical output port controlled by I2C bus
11
GND
Analog ground
4
XTAL
Crystal
12
TVOUT
TV output signal
5
GND
Ground
13 TVOVCC TV output stage supply voltage
6
PREEM
Pre-emphasis capacitor
14
PLLFLT
RF PLL loop filter
7
AUDIO
Audio input
15
VCCD
Digital supply voltage
8
SPLLFLT Sound PLL loop filter
16
GNDD
Digital ground


Similar Part No. - MC44BS373CADR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BS373CAD MOTOROLA-MC44BS373CAD Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS373CAD FREESCALE-MC44BS373CAD Datasheet
436Kb / 28P
   CMOS Audio/Video RF Modulators
More results

Similar Description - MC44BS373CADR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
   PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com