Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QA2CPAE Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC9S08QA2CPAE
Description  8-bit HCS08 Central Processor Unit (CPU)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QA2CPAE Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC9S08QA2CPAE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08QA2CPAE Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MC9S08QA4 Series, Rev. 2
Electrical Characteristics
Freescale Semiconductor
10
Figure 6. Typical High-Side (Source) Characteristics Low Drive (PTxDSn = 0)
Figure 7. Typical High-Side (Source) Characteristics High Drive (PTxDSn = 1)
3.6
Supply Current Characteristics
This section includes information about power supply current in various operating modes.
Table 7. Supply Current Characteristics
Parameter
Symbol
VDD (V)
1
Typical2
Max
T (
°C)
Run supply current3 measured in FBE mode at
fBus = 8 MHz
RIDD
3
3.5 mA
5 mA
85
2
2.6 mA
85
Run supply current3 measured in FBE mode at
fBus = 8 MHz
RIDD
3490
μA1 mA
85
2370
μA—
85
Wait mode supply current4 measured in FBE at 8 MHz
WIDD
3
1 mA
1.5 mA
85
Stop1 mode supply current
S1I
DD
3
475 nA
1.2
μA85
2
470 nA
85
Stop2 mode supply current
S2I
DD
3
600 nA
2
μA85
2
550 nA
85
Stop3 mode supply current
S3I
DD
3
750 nA
6
μA85
2
680 nA
85
RTI adder to stop1, stop2, or stop34
3
300 nA
85
2
300 nA
85
LVD adder to stop3 (LVDE = LVDSE = 1)4
3
70
μA—
85
2
60
μA—
85
TYPICAL VDD – VOH VS IOH AT VDD = 3.0 V
IOH (mA))
0
0.2
0.4
0.6
0.8
1
1.2
–20
–15
–10
–5
0
TYPICAL VDD – VOH VS VDD AT SPEC IOH
VDD (V)
0
0.05
0.1
0.15
0.2
0.25
12
34
25°C
85°C
–40°C
25°C,
IOH = 2 mA
85°C,
IOH = 2 mA
–40°C,
IOH = 2 mA
TYPICAL VDD – VOH VS IOH AT VDD = 3.0 V
IOH (mA)
0
0.2
0.4
0.6
0.8
–30
–25
–20
–15
–10
–5
0
TYPICAL VDD – VOH VS VDD AT SPEC IOH
VDD (V)
0
0.1
0.2
0.3
0.4
12
34
IOH = –10 mA
IOH = –6 mA
IOH = –3 mA
25°C
85°C
–40°C
25°C
85°C
–40°C


Similar Part No. - MC9S08QA2CPAE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QA2CPAE FREESCALE-MC9S08QA2CPAE Datasheet
2Mb / 32P
   Technical Data
More results

Similar Description - MC9S08QA2CPAE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com