Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QA2CFQE Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9S08QA2CFQE
Description  8-bit HCS08 Central Processor Unit (CPU)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QA2CFQE Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08QA2CFQE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QA2CFQE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QA2CFQE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QA2CFQE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QA2CFQE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QA2CFQE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QA2CFQE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QA2CFQE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QA2CFQE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MC9S08QA4
Rev. 2, 2/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MC9S08QA4
Features:
• 8-bit HCS08 Central Processor Unit (CPU)
– Up to 20 MHz CPU at 3.6 V to 1.8 V across temperature
range of –40°C to 85°C
– HC08 instruction set with added BGND instruction
– Support for up to 32 interrupt/reset sources
•On-Chip Memory
– Flash read/program/erase over full operating voltage
and temperature
– Random-access memory (RAM)
– Security circuitry to prevent unauthorized access to
RAM and flash contents
• Power-Saving Modes
– Two very low power stop modes
– Peripheral clock enable register can disable clocks to
unused modules, thereby reducing currents
– Very low power real time counter for use in run, wait,
and stop modes with internal clock sources
• Clock Source Options
– Internal Clock Source (ICS) — Internal clock source
module containing a frequency-locked-loop (FLL)
controlled by internal reference; precision trimming of
internal reference allows 0.2% resolution and 2%
deviation over temperature and voltage; supports bus
frequencies from 1 MHz to 10 MHz
• System Protection
– Watchdog computer operating properly (COP) reset
with option to run from dedicated 1 kHz internal clock
source or bus clock
– Low-voltage detection with reset or interrupt
– Selectable trip points
– Illegal opcode detection with reset
– Illegal address detection with reset
– Flash block protection
• Development Support
– Single-wire background debug interface
– Breakpoint capability to allow single breakpoint setting
during in-circuit debugging
• Peripherals
– ADC — 4-channel, 10-bit resolution; 1.7 mV/
°C
temperature sensor; automatic compare function;
internal bandgap reference channel; operation in stop3;
fully functional from 3.6 V to 1.8 V
– ACMP — Analog comparator with selectable interrupt
on rising, falling, or either edge of comparator output;
compare option to fixed internal bandgap reference
voltage; output can be tied internally to TPM input
capture
– TPM — One 1-channel timer/pulse-width modulator
(TPM) module; selectable input capture, output
compare, or buffered edge- or center-aligned PWM on
each channel; ACMP output can be tied internally to
input capture
– MTIM — 8-bit modulo timer module with 8-bit
prescaler
– KBI — 4-pin keyboard interrupt module with software
selectable polarity on edge or edge/level modes
• Input/Output
– Four GPIOs, one input-only pin and one output-only
pin.
– Hysteresis and configurable pullup device on all input
pins; configurable slew rate and drive strength on all
output pins except PTA5
• Package Options
– 8-pin SOIC, PDIP, and DFN
MC9S08QA4 Series
Covers:
MC9S08QA4
8-Pin DFN
Case 1452-02
8-Pin NB-SOIC
Case 751-07
8-Pin PDIP
Case 626-06


Similar Part No. - MC9S08QA2CFQE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QA2CFQEE FREESCALE-MC9S08QA2CFQEE Datasheet
2Mb / 32P
   Technical Data
More results

Similar Description - MC9S08QA2CFQE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com