Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33790DWR2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC33790DWR2
Description  Two-Channel Distributed System Interface (DSI) Physical Interface Device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33790DWR2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33790DWR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33790DWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33790DWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33790DWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33790DWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33790DWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33790DWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33790DWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33790DWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: MC33790
Rev 11.0, 3/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Two-Channel Distributed
System Interface (DSI) Physical
Interface Device
The 33790 is a dual channel physical layer interface IC for the
Distributed System Interface (DSI) bus. It is designed to meet
automotive requirements. It can also be used in non automotive
applications. It supports bidirectional communication between slave
and master ICs. Some slave devices derive a regulated 5.0 V from
the bus, which can be used to power sensors, thereby eliminating the
need for additional circuitry and wiring.
Features
• Two Independent DSI Compatible Buses
• Pinout Matched to MC68HC55 (SPI to DSI Logic)
• Wave-Shaped Bus Output Voltage
• Independent Thermal Shutdown and Current Limit
• Return Signalling Current Detection
• Internal Logic Input Pull ups and Pull downs
• On-Board Charge Pump
•2.0 kV ESD Capability
• Communications Rate Up to 150 kbps
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33790 Simplified Application Diagram
DISTRIBUTED SYSTEM INTERFACE (DSI)
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42567B
16-PIN SOICW
33790
DSI0F
DSI0S
DSI0R
DSI1F
DSI1S
DSI1R
CPCAP
VDD
GND
DSI0O
VSUP
DSI1O
GND
MC68HC55
33790
+5.0 V
+25 V
BUS_IN
BUS_OUT
BUS_IN
BUS_OUT
33793
33793
33793
DSI
SLAVE
DEVICE
Protocol
Converter
MCU
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33790DW/R2
-40
°C to 85°C
16 SOICW
MCZ33790EG/R2


Similar Part No. - MC33790DWR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33790DWR2 MOTOROLA-MC33790DWR2 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
More results

Similar Description - MC33790DWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com