Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33784 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33784 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33784
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions -0.3V
≤ VBUSIN or VBUSOUT ≤ 30V, 6.0V ≤ VH_CAP ≤ 30V, -40°C ≤ TA ≤ 125°C,
AGND = 0V, unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Internal Oscillator Frequency
fOSC
9.0
10.0
11.0
MHz
Internal Oscillator Duty Cycle
DCOSC
45
50
55
%
Initialization to Bus Switches Close
tBS
50
μs
Communication Data Rate
DRATE
100
200
kbps
Loss of Signal Reset Time(9)
Maximum Time for BUSIN to Be Below Frame Threshold
tTO
2.0
4.0
ms
ADC Code Conversion Time(10)
tADC
20
μs
BUSIN Response Current Slew Rate
1.0mA to 9.0mA Transition Rise
9.0mA to 1.0mA Transition Fall
tITR_R
tITR_F
8.0
8.0
mA/
μs
BUSIN Timing to Response Current
BUSIN Negative Voltage Transition = 3.0V to IRSP = 7.0mA Rise
TA = -40°C
TA = +25°C
TA =+125°C
BUSIN Negative Voltage Transition = 3.0V to IRSP = 5.0mA Fall
tRSP_R
tRSP_F
2.5
2.5
3.0
2.5
μs
Bus Signal Duty Cycle(9)
Logic [0] (~ 1/3 + 20%)
Logic [1] (~ 2/3 + 20%)
DCL
DCH
25
54
33
67
40
80
%
I/O Transition Time (CLoad = 50pF)(9)
tTRIO
100
ns
I/O Delay from Input State Change to Status Register Valid(9)
tINDLYIO
300
ns
I/O Delay from DBUS Command to I/O Output State Change
tOUTDLYIO
11.5
15
μs
Delay from I/O1 Rising Edge to ADC Value = 3F8(9)
tADCDIS
300
ns
HCAP tPOR Mask
ON (rising edge)
OFF (falling edge)
tPORMASKHCAP
(ON)
tPORMASKHCAP
(OFF)
2.0
1.0
5.0
3.5
9.0
8.0
μs
REGOUT tPOR Mask
ON (rising edge)
OFF (falling edge)
tPORMASKREG
OUT(ON)
tPORMASKREG
OUT(OFF)
2.0
1.0
5.0
3.5
9.0
8.0
μs
Notes
9.
Assured by design.
10.
Assured by design. Conversion is started and completed during idle time.


Similar Part No. - 33784

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33784 FREESCALE-33784 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
More results

Similar Description - 33784

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
33781 FREESCALE-33781_09 Datasheet
945Kb / 44P
   Quad DSI 2.02 Master with
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33781 FREESCALE-33781 Datasheet
1Mb / 44P
   Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com