Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33291LEGR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCZ33291LEGR2
Description  Eight-Output Switch with Serial Peripheral Interface I/O
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33291LEGR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33291LEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33291LEGR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33291L
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33291L was conceived, specified, designed, and
developed for automotive applications. It is an eight-output
low-side power switch having 8-bit serial control. The 33291L
incorporates SMARTMOS technology having CMOS logic,
bipolar/MOS analog circuitry, and independent state of the
art double diffused MOS (DMOS) power output transistors.
Many benefits are realized as a direct result of using this
mixed technology. A simplified block diagram delineates
33291L in Figure 2.
Where bipolar devices require considerable control
current for their operation, structured MOS devices, since
they are voltage controlled, require only transient gate
charging current affording a significant decrease in power
consumption. The CMOS capability of the SMARTMOS
process allows significant amounts of logic to be
economically incorporated into the monolithic design.
Additionally, the bipolar/MOS analog circuits embedded
within the updrain power DMOS output transistors monitor
and provide fast, independent protection control functions for
each individual output. All outputs have internal 45 V at 0.5 A
independent output voltage clamps to provide fast inductive
turn-off and transient protection.
The 33291L uses high-efficiency updrain power DMOS
output transistors exhibiting very low room temperature
drain-to-source ON resistance values (RDS(ON) ≤ 1.0 Ω at
13 V VPWR) and dense CMOS control logic. Operational bias
currents of less than 2.0 mA (1.0 mA typical) with any
combination of outputs ON are the result of using this mixed
technology and would not be possible with bipolar structures.
To accomplish a comparable functional feature set using a
bipolar structure approach would result in a device requiring
hundreds of milliamperes of internal bias and control current.
This would represent a very large amount of power to be
consumed by the device itself and not available for load use.
During operation, the 33291L functions as an eight output
serial switch serving as a microcontroller (MCU) bus
expander and buffer with fault management and fault
reporting features. In doing so, the device directly relieves the
MCU of the fault management functions. The 33291L directly
relieves the MCU of the fault management functions. The
33291L directly interfaces to an MCU, operating at system
clock serial frequencies in excess of 3.0 MHz. It uses a
Synchronous Peripheral Interface (SPI) for control and
diagnostic readout. Figure 12 illustrates the basic SPI
configuration between an MCU and one 33291L.
Figure 12. SPI Interface with Microcontroller
The circuit can also be used in a variety of other
applications in the computer, telecommunications, and
industrial fields. It is parametrically specified over an input
battery/supply range of 9.0 V to 16 V but is designed to
operate over a considerably wider range of 5.5 V to 26.5 V.
The design incorporates the use of logic level MOSFETs as
output devices. These MOSFETs are sufficiently turned ON
with a gate voltage of less than 5.0 V, thus eliminating the
need for an internal charge pump. Each output is identically
sized and independent in operation. The efficiency of each
output transistor is such that at room temperature with as little
as 9.0 V supply (VPWR), the maximum RDS(ON) of an output
at room temperature is 1.2
Ω (0.9 Ω typical) and increases to
only 2.0
Ω as VPWR is decreased to 5.5 V.
All inputs are compatible with 5.0 V CMOS logic levels,
incorporating negative or inverted logic. Whenever an input is
programmed to a logic low state (<1.0 V) the corresponding
low side switched output being controlled will be active low
and turned ON. Conversely, whenever an input is
programmed to a logic high state (>3.0 V), the output being
controlled will be high and turned OFF.
One main advantage of the 33291L is the serial port.
When coupled to an MCU, it receives ON/OFF commands
from the MCU and in return transmits the drain status of the
device’s output switches. Many devices can be daisy-
chained together, forming a larger system, as illustrated in
Figure 13, page 12.
Note In this example, only one dedicated MCU parallel
port (aside from the required SPI) is required for chip select
to control 32 possible loads.
33291
MC68HCXX
Microcontroller
Shift Register
Shift Register
To
Logic
Receive
Buffer
Parallel
Ports
MOSI
SI
MISO
SO
SCLK
RST
CS


Similar Part No. - MCZ33291LEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33291LEGR2 FREESCALE-MCZ33291LEGR2 Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Similar Description - MCZ33291LEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com