Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33291LDWR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC33291LDWR2
Description  Eight-Output Switch with Serial Peripheral Interface I/O
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33291LDWR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33291LDWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33291LDWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33291LDWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33291LDWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33291LDWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33291LDWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33291LDWR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33291LDWR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33291LDWR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33291L
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 8. Switching Time Test Circuit
Figure 9. Output Fault Unlatch Disable
Delay Test Circuit
Figure 10. Turn-On/-Off Waveforms
Figure 11. Output Fault Unlatch Disable
Delay Waveforms
CL represents the total capacitance of the test fixture and probe.
CS
Output
CL
33291L
Under
Test
VDD = 5.0 V
VPWR = 14 V
RL = 26 Ω
CS
Output
CL = 20 pF
33291L
Under
Test
VDD = 5.0 V
VPWR = 11 V
CL represents the total capacitance of the test fixture and probe.
ΙL = 2.0 Α
(Ουτπυτ ΟΝ)
90%
50%
10%
90%
10%
tDLY(OFF)
tDLY(ON)
CS
Output Voltage
Output Voltage
tR(SI)
< 50 ns
< 50 ns
tF(SI)
5.0 V
0
14 V
VOL
VOL
14 V
1. tDLY(ON) and TDLY(OFF) are turn-ON and turn-OFF propagation delay
times.
2. Turn-OFF is an output programmed from an ON to an OFF state.
3. Turn-ON is an output programmed from and OFF to an ON state.
Waveform 2
Waveform 1
90%
50%
10%
< 50 ns
< 50 ns
tPDLY(OFF)
tR(SI)
tF(SI)
CS
Output Voltage
Output Current
5.0 V
0
VOFF = 11 V
IO(CL)
VON = 5.0 V
0
1. tPDLY(OFF) is the output fault unlatch disable propagation delay time re-
quired to correctly report an output fault after CS rises. It represents an
output commanded ON while having an existing output short (overcurrent)
to supply.
2. The SFPD pin < 0.2 V.
Waveform
Waveform
50%
50%


Similar Part No. - MC33291LDWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33291LDWR2 FREESCALE-MC33291LDWR2 Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Similar Description - MC33291LDWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com