Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN751PT Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN751PT
Description  High side driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751PT Datasheet(HTML) 3 Page - STMicroelectronics

  VN751PT Datasheet HTML 1Page - STMicroelectronics VN751PT Datasheet HTML 2Page - STMicroelectronics VN751PT Datasheet HTML 3Page - STMicroelectronics VN751PT Datasheet HTML 4Page - STMicroelectronics VN751PT Datasheet HTML 5Page - STMicroelectronics VN751PT Datasheet HTML 6Page - STMicroelectronics VN751PT Datasheet HTML 7Page - STMicroelectronics VN751PT Datasheet HTML 8Page - STMicroelectronics VN751PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VN751PT
Maximum ratings
3/16
1
Maximum ratings
Table 1.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCC
DC supply voltage (overvoltage protected)
45
V
- VCC
Reverse DC supply voltage
-0.3
V
- IGND
DC reverse ground pin current
-200
mA
IOUT
DC output current
Internally limited
A
- IOUT
Reverse DC output current
-5
A
IIN
DC input current
+/- 10
mA
ISTAT
DC status current
+/- 10
mA
VESD
Electrostatic discharge ( R = 1.5 k
Ω; C = 100 pF )
5000
V
Ptot
Power dissipation TC = 25 °C
Internally limited
W
TJ
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
- 40 to 150
°C
Tstg
Storage temperature
- 55 to 150
°C
EAS
Single-pulse avalanche energy
0.8
J
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient (1)
Max
1.
When mounted on a FR4 printed circuit board with 0.5 cm2 of Cu (at least 35
µm thick) connected to all V
CC
pins.
50
°C/W
RthJC
Thermal resistance junction-case
Max
3
°C/W


Similar Part No. - VN751PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN751PT STMICROELECTRONICS-VN751PT Datasheet
379Kb / 15P
   High side driver
VN751PT13TR STMICROELECTRONICS-VN751PT13TR Datasheet
379Kb / 15P
   High side driver
More results

Similar Description - VN751PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
   HIGH SIDE DRIVER
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
   High-side driver
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
   High-side driver
September 2013 Rev 3
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
   HIGH SIDE DRIVER
October 2004
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
   HIGH SIDE DRIVER
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
   HIGH SIDE DRIVER
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
   HIGH SIDE DRIVER
VN920DSP-E STMICROELECTRONICS-VN920DSP-E Datasheet
184Kb / 19P
   HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com