Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95040 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95040
Description  4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95040 Datasheet HTML 6Page - STMicroelectronics M95040 Datasheet HTML 7Page - STMicroelectronics M95040 Datasheet HTML 8Page - STMicroelectronics M95040 Datasheet HTML 9Page - STMicroelectronics M95040 Datasheet HTML 10Page - STMicroelectronics M95040 Datasheet HTML 11Page - STMicroelectronics M95040 Datasheet HTML 12Page - STMicroelectronics M95040 Datasheet HTML 13Page - STMicroelectronics M95040 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Signal description
M95040, M95020, M95010
10/42
Once VCC has passed over the POR threshold, the device is reset and in the following state:
Standby Power mode
deselected (at next power-up, a falling edge is required on Chip Select (S) before any
instructions can be started)
not in the Hold condition
Status Register:
the Write Enable Latch (WEL) is reset to 0
Write In Progress (WIP) is reset to 0. (The SRWD, BP1 and BP0 bits of the Status
Register are non-volatile bits and therefore remain unchanged)
Note:
Once VCC has passed the power on reset threshold voltage, until VCC reaches the minimum
VCC operating voltage, the memory must not be selected/accessed.
2.8.4
Power-down
At power-down (continuous decrease in VCC below the minimum VCC operating voltage),
the device must be:
deselected (Chip Select S should be allowed to follow the voltage applied on VCC)
in Standby Power mode (that should not be any internal write cycle in progress)


Similar Part No. - M95040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M95040 STMICROELECTRONICS-M95040 Datasheet
335Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
M95040 STMICROELECTRONICS-M95040 Datasheet
376Kb / 43P
   4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
M95040-A125 STMICROELECTRONICS-M95040-A125 Datasheet
771Kb / 41P
   Automotive 4-Kbit serial SPI bus EEPROMs
M95040-A145 STMICROELECTRONICS-M95040-A145 Datasheet
771Kb / 41P
   Automotive 4-Kbit serial SPI bus EEPROMs
More results

Similar Description - M95040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
   4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
M95040 STMICROELECTRONICS-M95040_09 Datasheet
376Kb / 43P
   4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
   16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
M95160-X STMICROELECTRONICS-M95160-X Datasheet
436Kb / 50P
   16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
   16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
   8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I짼C bus EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com