Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5973AD_0808 Datasheet(PDF) 4 Page - STMicroelectronics

Part # A5973AD_0808
Description  Up to 1.5 A step down switching regulator for automotive applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973AD_0808 Datasheet(HTML) 4 Page - STMicroelectronics

  A5973AD_0808 Datasheet HTML 1Page - STMicroelectronics A5973AD_0808 Datasheet HTML 2Page - STMicroelectronics A5973AD_0808 Datasheet HTML 3Page - STMicroelectronics A5973AD_0808 Datasheet HTML 4Page - STMicroelectronics A5973AD_0808 Datasheet HTML 5Page - STMicroelectronics A5973AD_0808 Datasheet HTML 6Page - STMicroelectronics A5973AD_0808 Datasheet HTML 7Page - STMicroelectronics A5973AD_0808 Datasheet HTML 8Page - STMicroelectronics A5973AD_0808 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
A5973AD
Electrical data
4/19
2
Electrical data
2.1
Maximum ratings
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V8
Input voltage
40
V
V1
OUT pin DC voltage
OUT pin peak voltage at
Δt = 0.1 μs
-1 to 40
-5 to 40
V
V
I1
Maximum output current
int. limit.
V4 , V5
Analog pins
4
V
V3
INH
-0.3 to VCC
V
V2
SYNCH
-0.3 to 4
V
PTOT
Power dissipation at TA ≤ 70 °C
2.25
W
Tj
Operating junction temperature range
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
SO8
Unit
Rth(JA)
Maximum thermal resistance junction-ambient
40 (1)
1.
Package mounted on board
°C/W


Similar Part No. - A5973AD_0808

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5973ADTR STMICROELECTRONICS-A5973ADTR Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
More results

Similar Description - A5973AD_0808

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
   Up to 1 A step down switching regulator for automotive applications
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
   Up to 1 A step down switching regulator for automotive applications
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5970AD_0808 STMICROELECTRONICS-A5970AD_0808 Datasheet
730Kb / 17P
   Up to 1 A switch step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com