Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T81M6E Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T81M6E
Description  Serial access real-time clock with alarm
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81M6E Datasheet(HTML) 1 Page - STMicroelectronics

  M41T81M6E Datasheet HTML 1Page - STMicroelectronics M41T81M6E Datasheet HTML 2Page - STMicroelectronics M41T81M6E Datasheet HTML 3Page - STMicroelectronics M41T81M6E Datasheet HTML 4Page - STMicroelectronics M41T81M6E Datasheet HTML 5Page - STMicroelectronics M41T81M6E Datasheet HTML 6Page - STMicroelectronics M41T81M6E Datasheet HTML 7Page - STMicroelectronics M41T81M6E Datasheet HTML 8Page - STMicroelectronics M41T81M6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Not For New Design
This is information on a product still in production but not recommended for new designs.
May 2008
Rev 9
1/30
1
M41T81
Serial access real-time clock with alarm
Features
For new designs use M41T81S
Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
32 KHz crystal oscillator integrating load
capacitance (12.5 pF) providing exceptional
oscillator stability and high crystal series
resistance operation
Serial interface supports I2C bus (400 kHz
protocol)
Ultra-low battery supply current of 0.6 µA
(typ at 3 V)
2.0 to 5.5 V clock operating voltage
Automatic switch-over and deselect circuitry
(for 3V application select M41T81S datasheet)
Power-down time stamp (HT bit) allowing
determination of time elapsed in battery
backup
Programmable alarm and interrupt function
(valid even during battery backup mode)
Accurate programmable watchdog timer (from
62.5 ms to 128 s)
Software clock calibration to compensate
crystal deviation due to temperature
Operating temperature of –40 to 85°C
ECOPACK® package available
8
1
SO8 (M)
8-pin SOIC
www.st.com


Similar Part No. - M41T81M6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81M6E STMICROELECTRONICS-M41T81M6E Datasheet
389Kb / 27P
   Serial Access Real-Time Clock with Alarms
M41T81M6E STMICROELECTRONICS-M41T81M6E Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
M41T81M6E STMICROELECTRONICS-M41T81M6E Datasheet
460Kb / 29P
   Serial access real-time clock with alarm
More results

Similar Description - M41T81M6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
M41T80 STMICROELECTRONICS-M41T80_06 Datasheet
208Kb / 25P
   Serial access Real Time Clock with alarm
M41T81 STMICROELECTRONICS-M41T81_10 Datasheet
460Kb / 29P
   Serial access real-time clock with alarm
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com