Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF16N50 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDPF16N50
Description  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF16N50 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDPF16N50 Datasheet HTML 1Page - Fairchild Semiconductor FDPF16N50 Datasheet HTML 2Page - Fairchild Semiconductor FDPF16N50 Datasheet HTML 3Page - Fairchild Semiconductor FDPF16N50 Datasheet HTML 4Page - Fairchild Semiconductor FDPF16N50 Datasheet HTML 5Page - Fairchild Semiconductor FDPF16N50 Datasheet HTML 6Page - Fairchild Semiconductor FDPF16N50 Datasheet HTML 7Page - Fairchild Semiconductor FDPF16N50 Datasheet HTML 8Page - Fairchild Semiconductor FDPF16N50 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FDP16N50 / FDPF16N50 Rev. B
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9-1. Maximum Safe Operating Area
Figure 9-2. Maximum Safe Operating Area
- FDP16N50
- FDPF16N50
Figure 10. Maximum Drain Currentvs. Case Temperature
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
* Notes :
1. V
GS = 10 V
2. I
D = 8 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
* Notes :
1. V
GS = 0 V
2. I
D = 250μA
T
J, Junction Temperature [
oC]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
100 ms
1 ms
10 μs
DC
10 ms
100 μs
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
100 ms
1 ms
10 μs
DC
10 ms
100 μs
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
5
10
15
20
T
C, Case Temperature [
oC]


Similar Part No. - FDPF16N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF16N50 FAIRCHILD-FDPF16N50 Datasheet
994Kb / 10P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDPF16N50 ISC-FDPF16N50 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
logo
Inchange Semiconductor ...
FDPF16N50T ISC-FDPF16N50T Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF16N50T FAIRCHILD-FDPF16N50T_12 Datasheet
800Kb / 10P
   500V N-Channel MOSFET
More results

Similar Description - FDPF16N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com