Part Name
         Description
FDS6984AS_08

 Dual Notebook Power Supply N-Channel PowerTrench SyncFET ( 9 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 6 page
background image
FDS6984AS Rev A1 (X)
Typical Characteristics Q1
0
4
8
12
16
20
00.511.522.53
VDS, DRAIN-SOURCE VOLTAGE (V)
6.0V
4.0V
3.5V
VGS = 10V
4.5V
2.5V
3.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
5
10
15
20
ID, DRAIN CURRENT (A)
VGS = 3.0V
4.5V
5.0V
6.0V
10V
3.5V
4.0V
Figure 11. On-Region Characteristics.
Figure 12. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 5.5A
VGS = 10V
0.02
0.04
0.06
0.08
0.1
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 2.75A
TA = 125
oC
TA = 25
oC
Figure 13. On-Resistance Variation with
Temperature.
Figure 14. On-Resistance Variation with
Gate-to-Source Voltage.
0
4
8
12
16
20
0.5
1.5
2.5
3.5
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
-55
oC
VDS = 5V
25
oC
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 15. Transfer Characteristics.
Figure 16. Body Diode Forward Voltage Variation
with Source Current and Temperature.



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FDS6982AS_06Dual Notebook Power Supply N-Channel PowerTrench SyncFET 1 2 3 4 5 MoreFairchild Semiconductor
FDS6994SDual Notebook Power Supply N-Channel PowerTrench SyncFET 1 2 3 4 5 MoreFairchild Semiconductor
FDS6982SDual Notebook Power Supply N-Channel PowerTrench SyncFet™ 1 2 3 4 5 MoreFairchild Semiconductor
FDQ7238SDual Notebook Power Supply N-Channel PowerTrench in SO-14 Package 1 2 3 4 5 MoreFairchild Semiconductor
FDQ7238AS_08Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package 1 2 3 4 5 MoreFairchild Semiconductor
FDS6982AS_08Dual Notebook Power Supply N-Channel PowerTrench® SyncFET™ 1 2 3 4 5 MoreFairchild Semiconductor
FDS6990AS_08Dual 30V N-Channel PowerTrench SyncFET 1 2 3 4 5 MoreFairchild Semiconductor
PM6685_07Dual step-down main supply controller with auxilary voltages for notebook system power 1 2 3 4 5 MoreSTMicroelectronics
PSRL0402DM400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC 1 2 3 4 Wall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl