Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF44N25 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDPF44N25
Description  250V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF44N25 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDPF44N25 Datasheet HTML 1Page - Fairchild Semiconductor FDPF44N25 Datasheet HTML 2Page - Fairchild Semiconductor FDPF44N25 Datasheet HTML 3Page - Fairchild Semiconductor FDPF44N25 Datasheet HTML 4Page - Fairchild Semiconductor FDPF44N25 Datasheet HTML 5Page - Fairchild Semiconductor FDPF44N25 Datasheet HTML 6Page - Fairchild Semiconductor FDPF44N25 Datasheet HTML 7Page - Fairchild Semiconductor FDPF44N25 Datasheet HTML 8Page - Fairchild Semiconductor FDPF44N25 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FDP44N25 / FDPF44N25 Rev. B
Typical Performance Characteristics (Continued)
Figure 11-1. Transient Thermal Response Curve for FDP44N25
Figure 11-2. Transient Thermal Response Curve for FDPF44N25
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
* Notes :
1. Z
θJC(t) = 0.41
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - T C = P DM * Z θJC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, S q uare W a ve P u lse D u ra tion [sec]
t1
PDM
t2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
θJC(t) = 3.3
0C/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * ZθJC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square W ave Pulse Duration [sec]
t1
PDM
t2


Similar Part No. - FDPF44N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF44N25 FAIRCHILD-FDPF44N25 Datasheet
891Kb / 7P
   250V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDPF44N25 ISC-FDPF44N25 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF44N25T FAIRCHILD-FDPF44N25T Datasheet
891Kb / 7P
   250V N-Channel MOSFET
FDPF44N25T FAIRCHILD-FDPF44N25T Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FDPF44N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com