Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP44N25 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDP44N25
Description  250V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP44N25 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDP44N25 Datasheet HTML 1Page - Fairchild Semiconductor FDP44N25 Datasheet HTML 2Page - Fairchild Semiconductor FDP44N25 Datasheet HTML 3Page - Fairchild Semiconductor FDP44N25 Datasheet HTML 4Page - Fairchild Semiconductor FDP44N25 Datasheet HTML 5Page - Fairchild Semiconductor FDP44N25 Datasheet HTML 6Page - Fairchild Semiconductor FDP44N25 Datasheet HTML 7Page - Fairchild Semiconductor FDP44N25 Datasheet HTML 8Page - Fairchild Semiconductor FDP44N25 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
FDP44N25 / FDPF44N25 Rev. B
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
246
8
10
12
10
0
10
1
10
2
150
oC
25
oC
-55
oC
* Notes :
1. V
DS = 40V
2. 250μs Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
* Notes :
1. 250μs Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
0
25
50
75
100
125
150
0.04
0.06
0.08
0.10
V
GS = 20V
V
GS = 10V
* Note : T
J = 25
oC
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
0
10
1
10
2
150
oC
* Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25
oC
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
1020
30405060
0
2
4
6
8
10
12
V
DS = 125V
V
DS = 50V
V
DS = 200V
* Note : I
D = 44A
Q
G, Total Gate Charge [nC]


Similar Part No. - FDP44N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP4020 FAIRCHILD-FDP4020 Datasheet
213Kb / 7P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
FDP4020P FAIRCHILD-FDP4020P Datasheet
213Kb / 7P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
FDP4020P FAIRCHILD-FDP4020P Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
FDP4020P ISC-FDP4020P Datasheet
326Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P_00 Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
More results

Similar Description - FDP44N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com