Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDW2512NZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDW2512NZ
Description  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW2512NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDW2512NZ Datasheet HTML 1Page - Fairchild Semiconductor FDW2512NZ Datasheet HTML 2Page - Fairchild Semiconductor FDW2512NZ Datasheet HTML 3Page - Fairchild Semiconductor FDW2512NZ Datasheet HTML 4Page - Fairchild Semiconductor FDW2512NZ Datasheet HTML 5Page - Fairchild Semiconductor FDW2512NZ Datasheet HTML 6Page - Fairchild Semiconductor FDW2512NZ Datasheet HTML 7Page - Fairchild Semiconductor FDW2512NZ Datasheet HTML 8Page - Fairchild Semiconductor FDW2512NZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FDW2512NZ Rev. A1
www.fairchildsemi.com
3
Switching Characteristics (V
GS = 4.5V)
Drain-Source Diode Characteristics
Notes:
1. RθJA is 77
oC/W (steady state) when mounted on a 1 inch2 copper pad on FR-4.
2. RθJA is 114
oC/W (steady state) when mounted on a mininum copper pad on FR-4.
3. The diode connected to the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
4
tON
Turn-On Time
VDD = 10V, ID = 6.0A
VGS = 4.5V, RGS = 16Ω
-
-
98
ns
td(ON)
Turn-On Delay Time
-
8
-
ns
tr
Rise Time
-
57
-
ns
td(OFF)
Turn-Off Delay Time
-
47
-
ns
tf
Fall Time
-
58
-
ns
tOFF
Turn-Off Time
-
-
158
ns
VSD
Source to Drain Diode Voltage
ISD = 1.3A
-
0.7
1.2
V
trr
Reverse Recovery Time
ISD = 6.0A, dISD/dt = 100A/µs-
-
24
ns
QRR
Reverse Recovered Charge
ISD = 6.0A, dISD/dt = 100A/µs-
-
13
nC


Similar Part No. - FDW2512NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ_NL FAIRCHILD-FDW2512NZ_NL Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDW2512NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com