Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDU8878 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDU8878
Description  N-Channel PowerTrench MOSFET 30V, 40A, 15m ohm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDU8878 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FDU8878 Datasheet HTML 4Page - Fairchild Semiconductor FDU8878 Datasheet HTML 5Page - Fairchild Semiconductor FDU8878 Datasheet HTML 6Page - Fairchild Semiconductor FDU8878 Datasheet HTML 7Page - Fairchild Semiconductor FDU8878 Datasheet HTML 8Page - Fairchild Semiconductor FDU8878 Datasheet HTML 9Page - Fairchild Semiconductor FDU8878 Datasheet HTML 10Page - Fairchild Semiconductor FDU8878 Datasheet HTML 11Page - Fairchild Semiconductor FDU8878 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2008 Fairchild Semiconductor Corporation
FDD8878 / FDU8878 Rev. A4
www.fairchildsemi.com
8
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines
the maximum allowable device power dissipation, PDM, in an
application.
Therefore
the
application’s
ambient
temperature, TA (
oC), and thermal resistance RθJA (oC/W)
must be reviewed to ensure that TJM is never exceeded.
Equation 1 mathematically represents the relationship and
serves as the basis for establishing the rating of the part.
In using surface mount devices such as the TO-252
package, the environment in which it is applied will have a
significant influence on the part’s current and maximum
power dissipation ratings. Precise determination of PDM is
complex and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild
provides
thermal
information
to
assist
the
designer’s preliminary application evaluation. Figure 21
defines the RθJA for the device as a function of the top
copper (component side) area. This is for a horizontally
positioned FR-4 board with 1oz copper after 1000 seconds
of steady state power with no air flow. This graph provides
the necessary information for calculation of the steady state
junction
temperature
or
power
dissipation.
Pulse
applications can be evaluated using the Fairchild device
Spice thermal model or manually utilizing the normalized
maximum transient thermal impedance curve.
Thermal resistances corresponding to other copper areas
can be obtained from Figure 21 or by calculation using
Equation 2 or 3. Equation 2 is used for copper area defined
in inches square and equation 3 is for area in centimeters
square. The area, in square inches or square centimeters is
the top copper area including the gate and source pads.
(EQ. 1)
P
DM
T
JM
T
A
()
RθJA
-----------------------------
=
Area in Inches Squared
(EQ. 2)
RθJA
33.32
23.84
0.268
Area
+
()
-------------------------------------
+
=
(EQ. 3)
RθJA
33.32
154
1.73
Area
+
()
----------------------------------
+
=
Area in Centimeters Squared
25
50
75
100
125
0.01
0.1
1
10
Figure 21. Thermal Resistance vs Mounting
Pad Area
RθJA = 33.32+ 23.84/(0.268+Area) EQ.2
AREA, TOP COPPER AREA in2 (cm2)
RθJA = 33.32+ 154/(1.73+Area) EQ.3
(0.645)
(6.45)
(64.5)
(0.0645)


Similar Part No. - FDU8878

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDU8878 FAIRCHILD-FDU8878 Datasheet
240Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDU8878

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8878 FAIRCHILD-FDP8878 Datasheet
246Kb / 6P
   N-Channel Logic Level PowerTrench MOSFET 30V, 40A, 15m Ohm
FDMS8660S FAIRCHILD-FDMS8660S Datasheet
434Kb / 8P
   N-Channel PowerTrench SyncFET (30V, 40A, 2.4mOHM)
FDD8874 FAIRCHILD-FDD8874_08 Datasheet
664Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A, 5.1m ohm
FDB8896 FAIRCHILD-FDB8896 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com