Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD3N50C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQD3N50C
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD3N50C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQD3N50C Datasheet HTML 1Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 2Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 3Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 4Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 5Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 6Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 7Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 8Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FQD3N50C / FQU3N50C Rev. B
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS
= 0 V
2. I
D
= 250µA
T
J
, Junction Temperature [°C]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS
= 10 V
2. I
D
= 1.5 A
T
J
, Junction Temperature [°C]
25
50
75
100
125
150
0
1
2
3
T
C
, Case Temperature [°C]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 µs
100 ms
1 ms
DC
10 ms
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C
= 25°C
2. T
J
= 150°C
3. Single Pulse
V
DS
, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
No te s :
1 . Z
θ JC (t) = 3 .5 °C/W M a x .
2 . D u ty F a c to r, D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
θJC (t)
single pulse
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1
, S q uare W a ve P u ls e D u ra tion [s ec ]
t1
PDM
t2


Similar Part No. - FQD3N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD3N50C FAIRCHILD-FQD3N50C Datasheet
1Mb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C Datasheet
907Kb / 9P
   500V N-Channel MOSFET
FQD3N50CTF FAIRCHILD-FQD3N50CTF Datasheet
907Kb / 9P
   500V N-Channel MOSFET
FQD3N50CTM FAIRCHILD-FQD3N50CTM Datasheet
907Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_07 Datasheet
907Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FQD3N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com