Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQA13N80_F109 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQA13N80_F109
Description  800V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA13N80_F109 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQA13N80_F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA13N80_F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA13N80_F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA13N80_F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA13N80_F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA13N80_F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA13N80_F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA13N80_F109 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FQA13N80_F109 Rev. A2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
NOTES:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 13mH, IAS =12.6A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 12.6A, di/dt ≤200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FQA13N80
FQA13N80_F109
TO-3PN
--
--
30
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
800
--
--
V
∆BVDSS/
∆TJ
Breakdown Voltage Temperature Coefficient
ID = 250 µA, Referenced to 25°C
--
0.95
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 800 V, VGS = 0 V
--
--
10
µA
VDS = 640 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA3.0
--
5.0
V
RDS(on)
Static Drain-Source On-Resistance
VGS = 10 V, ID = 6.3A
--
0.58
0.75
gFS
Forward Transconductance
VDS = 50 V, ID = 6.3A
(Note 4)
--
13
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
2700
3500
pF
Coss
Output Capacitance
--
275
360
pF
Crss
Reverse Transfer Capacitance
--
30
39
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 400 V, ID = 12.6A,
RG = 25 Ω
(Note 4, 5)
--
60
130
ns
tr
Turn-On Rise Time
--
150
310
ns
td(off)
Turn-Off Delay Time
--
155
320
ns
tf
Turn-Off Fall Time
--
110
230
ns
Qg
Total Gate Charge
VDS = 640 V, ID = 12.6A,
VGS = 10 V
(Note 4, 5)
--
68
88
nC
Qgs
Gate-Source Charge
--
15
--
nC
Qgd
Gate-Drain Charge
--
32
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
12.6
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
50.4
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS =12.6A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 12.6 A,
dIF / dt = 100 A/µs
(Note 4)
--
850
--
ns
Qrr
Reverse Recovery Charge
--
11.3
--
µC


Similar Part No. - FQA13N80_F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N80-F109 FAIRCHILD-FQA13N80-F109 Datasheet
1Mb / 8P
   12.6 A, 800 V, RDS(on) = 750 m廓 (Max.) @ VGS = 10 VID = 6.8 A
FQA13N80_F109 FAIRCHILD-FQA13N80_F109 Datasheet
830Kb / 9P
   800V N-Channel MOSFET
More results

Similar Description - FQA13N80_F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com