Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMA530PZ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDMA530PZ
Description  Single P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA530PZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDMA530PZ_08 Datasheet HTML 1Page - Fairchild Semiconductor FDMA530PZ_08 Datasheet HTML 2Page - Fairchild Semiconductor FDMA530PZ_08 Datasheet HTML 3Page - Fairchild Semiconductor FDMA530PZ_08 Datasheet HTML 4Page - Fairchild Semiconductor FDMA530PZ_08 Datasheet HTML 5Page - Fairchild Semiconductor FDMA530PZ_08 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDMA530PZ Rev.B1
www.fairchildsemi.com
5
Dimensional Outline and Pad Layout


Similar Part No. - FDMA530PZ_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA530PZ FAIRCHILD-FDMA530PZ Datasheet
286Kb / 6P
   Single P-Channel PowerTrench MOSFET -30V, -6.8A, 35mohm
More results

Similar Description - FDMA530PZ_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA910PZ FAIRCHILD-FDMA910PZ Datasheet
236Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
Fairchild Semiconductor
FDMA291P FAIRCHILD-FDMA291P_08 Datasheet
902Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench짰 MOSFET
FDC610PZ FAIRCHILD-FDC610PZ Datasheet
450Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA86265P FAIRCHILD-FDMA86265P Datasheet
204Kb / 7P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC612PZ FAIRCHILD-FDMC612PZ Datasheet
261Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDD4141 FAIRCHILD-FDD4141 Datasheet
237Kb / 6P
   P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com