Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V827316K04S Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V827316K04S
Description  2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V827316K04S Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V827316K04S Datasheet HTML 5Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 6Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 7Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 8Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 9Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 10Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 11Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 12Page - Mosel Vitelic, Corp V827316K04S Datasheet HTML 13Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MOSEL VITELIC
V827316K04S
9
V827316K04S Rev. 1.6 March 2002
AC Characteristics (cont.)
Notes: 1. This calculation accounts for tDQSQ(max), the pulse width distortion of on-chip circuit and jitter.
2. Data sampled at the rising edges of the clock : A0~A11, BA0~BA1, CKE, CS, RAS, CAS, WE.
3. For command/address input slew rate >=1.0V/ns
4. For command/address input slew rate >=0.5V/ns and <1.0V/ns
5. CK, CK slew rates are >=1.0V/ns
6. These parameters guarantee device timing, but they are not necessarily tested on each device, and they may be guaranteed
by design or tester correlation.
7. Data latched at both rising and falling edges of Data Strobes(DQS) : DQ, DM
8. Minimum of 200 cycles of stable input clocks after Self Refresh Exit command, where CKE is held high, is required to complete
Self Refresh Exit and lock the internal DLL circuit of DDR SDRAM.
DQS-Out edge to Data-Out edge Skew
tDQSQ
-
0.5
-
0.5
-
0.6
ns
Data-Out hold time from DQS
tQH
tHPmin
-0.75ns
-
tHPmin
-0.75ns
-
tHPmin
-0.75ns
-
ns
1
Clock Half Period
tHP
tCH/L
min
-
tCH/L
min
-
tCH/L
min
-
ns
1
Input Setup Time (fast slew rate)
tIS
0.9
-
0.9
-
1.1
-
ns
2,3,5,6
Input Hold Time (fast slew rate)
tIH
0.9
-
0.9
-
1.1
-
ns
2,3,5,6
Input Setup Time (slow slew rate)
tIS
1.0
-
1.0
-
1.1
-
ns
2,4,5,6
Input Hold Time (slow slew rate)
tIH
1.0
-
1.0
-
1.1
-
ns
2,4,5,6
Input Pulse Width
tIPW
2.2
-
2.2
-
-
-
ns
6
Write DQS High Level Width
tDQSH
0.4
0.6
0.4
0.6
0.4
0.6
CLK
Write DQS Low Level Width
tDQSL
0.4
0.6
0.4
0.6
0.4
0.6
CLK
CLK to First Rising edge of DQS-In
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
CLK
Data-In Setup Time to DQS-In (DQ & DM)
tDS
0.5
-
0.5
-
0.6
-
ns
7
Data-in Hold Time to DQS-In (DQ & DM)
tDH
0.5
-
0.5
-
0.6
-
ns
7
DQ & DM Input Pulse Width
tDIPW
1.75
-
1.75
-
2
-
ns
Read DQS Preamble Time
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
CLK
Read DQS Postamble Time
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
CLK
Write DQS Preamble Setup Time
tWPRES
0
-
0
-
0
-
CLK
Write DQS Preamble Hold Time
tWPREH
0.25
-
0.25
-
0.25
-
CLK
Write DQS Postamble Time
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
CLK
Mode Register Set Delay
tMRD
2
-
2
-
2
-
CLK
Power Down Exit Time
tPDEX
10
-
10
-
10
-
ns
Exit Self Refresh to Non-Read Command
tXSNR
75
-
75
-
80
-
ns
Exit Self Refresh to Read Command
tXSRD
200
-
200
-
200
-
CLK
8
Average Periodic Refresh Interval
tREFI
-
15.6
-
15.6
-
15.6
us
Parameter
Symbol
(PC1600)
(PC2100B)
(PC2100A)
Unit
Note
Min
Max
Min
Max
Min
Max


Similar Part No. - V827316K04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827332N04S MOSEL-V827332N04S Datasheet
450Kb / 15P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827332U04S MOSEL-V827332U04S Datasheet
294Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
More results

Similar Description - V827316K04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827432K24S MOSEL-V827432K24S Datasheet
211Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-10PC MOSEL-V437216S04VCTG-10PC Datasheet
67Kb / 11P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
   2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V827332N04S MOSEL-V827332N04S Datasheet
450Kb / 15P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827464N24S MOSEL-V827464N24S Datasheet
478Kb / 15P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827332U04S MOSEL-V827332U04S Datasheet
294Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com