Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDH45N50F_F133 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDH45N50F_F133
Description  500V N-Channel MOSFET, FRFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDH45N50F_F133 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDH45N50F_F133 Datasheet HTML 1Page - Fairchild Semiconductor FDH45N50F_F133 Datasheet HTML 2Page - Fairchild Semiconductor FDH45N50F_F133 Datasheet HTML 3Page - Fairchild Semiconductor FDH45N50F_F133 Datasheet HTML 4Page - Fairchild Semiconductor FDH45N50F_F133 Datasheet HTML 5Page - Fairchild Semiconductor FDH45N50F_F133 Datasheet HTML 6Page - Fairchild Semiconductor FDH45N50F_F133 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
FDH45N50F_F133 Rev. C
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
Notes :
1. 250レs Pulse Test
2. T
C = 25∩
V
DS, Drain-Source Voltage [V]
2
4
6
8
10
12
10
0
10
1
10
2
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 40V
2. 250レs Pulse Test
V
GS, Gate-Source Voltage [V]
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
0
20
40
60
80
100
120
140
160
0.00
0.05
0.10
0.15
0.20
0.25
0.30
V
GS = 20V
V
GS = 10V
Note : T
J = 25∩
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
0
10
1
10
2
150∩
Notes :
1. V
GS = 0V
2. 250レs Pulse Test
25∩
V
SD, Source-Drain voltage [V]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0
20406080
100
120
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 48A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
2000
4000
6000
8000
10000
12000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]


Similar Part No. - FDH45N50F_F133

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH45N50F-F133 FAIRCHILD-FDH45N50F-F133 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FDH45N50F_F133

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH45N50F FAIRCHILD-FDH45N50F Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FDH45N50F_0605 FAIRCHILD-FDH45N50F_0605 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FDPF7N50F FAIRCHILD-FDPF7N50F Datasheet
549Kb / 9P
   N-Channel MOSFET, FRFET 500V, 6A, 1.15OHM
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
FDL100N50F FAIRCHILD-FDL100N50F Datasheet
725Kb / 8P
   N-Channel MOSFET,FRFET 500V, 100A, 0.055廓
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com