Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDG327NZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDG327NZ
Description  20V N-Channel PowerTrenchO MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG327NZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDG327NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDG327NZ Rev C1(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
11
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage
VGS =
± 8 V,
VDS = 0 V
±10
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
0.4
0.7
1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–2
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 1.5 A
VGS = 2.5 V,
ID = 1.4 A
VGS = 1.8 V,
ID = 1.2 A
VGS = 4.5 V, ID = 1.5 A, TJ =125
°C
68
77
90
86
90
100
140
123
m
ID(on)
On–State Drain Current
VGS = 4.5V,
VDS = 5 V
3
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 1.5 A
2.2
S
Dynamic Characteristics
Ciss
Input Capacitance
412
pF
Coss
Output Capacitance
81
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V
f = 1.0 MHz
44
pF
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
1.9
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
6.2
13
ns
tr
Turn–On Rise Time
2.3
10
ns
td(off)
Turn–Off Delay Time
18
33
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6
2.9
10
ns
Qg
Total Gate Charge
4.2
6
nC
Qgs
Gate–Source Charge
0.4
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 1.5 A,
VGS = 4.5 V
1
nC
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 0.32 A (Note 2)
0.6
1.2
V
trr
Diode Reverse Recovery Time
IF = 1.5 A,
diF/dt = 100 A/µs
4
nS
Qrr
Diode Reverse Recovery Charge
2
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
300°C/W when
mounted on a 1in
2 pad
of 2 oz copper.
b)
333°C/W when mounted
on a minimum pad of 2 oz
copper.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDG327NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG327NZ FAIRCHILD-FDG327NZ Datasheet
235Kb / 5P
   20V N-Channel PowerTrench MOSFET
More results

Similar Description - FDG327NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8958A FAIRCHILD-FDS8958A_08 Datasheet
526Kb / 8P
   Dual N & P-Channel PowerTrenchO MOSFET
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com