Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063AP Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MC34063AP
Description  SMPS Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC34063AP Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MC34063AP Datasheet HTML 1Page - Fairchild Semiconductor MC34063AP Datasheet HTML 2Page - Fairchild Semiconductor MC34063AP Datasheet HTML 3Page - Fairchild Semiconductor MC34063AP Datasheet HTML 4Page - Fairchild Semiconductor MC34063AP Datasheet HTML 5Page - Fairchild Semiconductor MC34063AP Datasheet HTML 6Page - Fairchild Semiconductor MC34063AP Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MC34063A/MC33063A • Rev. 1.0.3
5
Physical Dimensions
C
7° TYP
7° TYP
.430 MAX
[10.92]
B
A
.400
.373
[10.15
9.46
]
.250±.005 [6.35±0.13]
.036 [0.9 TYP]
.070
.045
[1.78
1.14
]
.100
[2.54]
.300
[7.62]
.060 MAX
[1.52]
.310±.010 [7.87±0.25]
.130±.005 [3.3±0.13]
.210 MAX
[5.33]
.140
.125
[
3.55
3.17
]
.015 MIN
[0.38]
.021
.015
[0.53
0.37
]
.010
+.005
-.000
[0.254+0.127
-0.000
]
PIN #1
PIN #1
(.032) [R0.813]
(.092) [Ø2.337]
TOP VIEW
OPTION 1
TOP VIEW
OPTION 2
.001[.025]
C
N08EREVG
C. DOES NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
DAMBAR PROTRUSIONS SHALL NOT EXCEED
D. DOES NOT INCLUDE DAMBAR PROTRUSIONS.
B. CONTROLING DIMENSIONS ARE IN INCHES
A. CONFORMS TO JEDEC REGISTRATION MS-001,
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED
VARIATIONS BA
E. DIMENSIONING AND TOLERANCING
NOTES:
REFERENCE DIMENSIONS ARE IN MILLIMETERS
.010 INCHES OR 0.25MM.
.010 INCHES OR 0.25MM.
PER ASME Y14.5M-1994.
Figure 4. 8-Lead PDIP, JEDEC MS-001
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Similar Part No. - MC34063AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC34063AP FAIRCHILD-MC34063AP Datasheet
46Kb / 8P
   SMPS Controller
logo
Texas Instruments
MC34063AP TI-MC34063AP Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC34063AP TI-MC34063AP Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC34063AP TI-MC34063AP Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC34063AP TI1-MC34063AP Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Similar Description - MC34063AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com