Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FST3245MTC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FST3245MTC
Description  8-Bit Bus Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3245MTC Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FST3245MTC Datasheet HTML 1Page - Fairchild Semiconductor FST3245MTC Datasheet HTML 2Page - Fairchild Semiconductor FST3245MTC Datasheet HTML 3Page - Fairchild Semiconductor FST3245MTC Datasheet HTML 4Page - Fairchild Semiconductor FST3245MTC Datasheet HTML 5Page - Fairchild Semiconductor FST3245MTC Datasheet HTML 6Page - Fairchild Semiconductor FST3245MTC Datasheet HTML 7Page - Fairchild Semiconductor FST3245MTC Datasheet HTML 8Page - Fairchild Semiconductor FST3245MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3245 • Rev. 1.0.2
6
Physical Dimensions
0.10 C
C
A
SEE DETAIL A
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-013, VARIATION AC, ISSUE E
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
E) LANDPATTERN STANDARD: SOIC127P1030X265-20L
PIN ONE
INDICATOR
0.25
1
10
B
CA
M
20
11
B
X 45°
SEATING PLANE
GAGE PLANE
DETAIL A
SCALE: 2:1
SEATING PLANE
LAND PATTERN RECOMMENDATION
F) DRAWING FILENAME: MKT-M20BREV3
0.65
1.27
2.25
9.50
13.00
12.60
11.43
7.60
7.40
10.65
10.00
0.51
0.35
1.27
2.65 MAX
0.30
0.10
0.33
0.20
0.75
0.25
(R0.10)
(R0.10)
1.27
0.40
(1.40)
0.25
D) CONFORMS TO ASME Y14.5M-1994
Figure 5. 20-Lead, Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300-inch Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/


Similar Part No. - FST3245MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3245MTC FAIRCHILD-FST3245MTC Datasheet
110Kb / 6P
   Octal Bus Switch
FST3245MTC FAIRCHILD-FST3245MTC Datasheet
185Kb / 5P
   8-Bit Bus Switch
logo
ON Semiconductor
FST3245MTCX ONSEMI-FST3245MTCX Datasheet
600Kb / 9P
   8-Bit Bus Switch
December 2012 Rev. 1.0.3
logo
Fairchild Semiconductor
FST3245MTCX_NL FAIRCHILD-FST3245MTCX_NL Datasheet
185Kb / 5P
   8-Bit Bus Switch
More results

Similar Description - FST3245MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
   8-Bit Bus Switch
FST3244 FAIRCHILD-FST3244_08 Datasheet
459Kb / 9P
   8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_08 Datasheet
439Kb / 9P
   8-Bit Bus Switch
logo
ON Semiconductor
FST3245 ONSEMI-FST3245 Datasheet
600Kb / 9P
   8-Bit Bus Switch
December 2012 Rev. 1.0.3
74FST3345 ONSEMI-74FST3345 Datasheet
87Kb / 6P
   8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3245 ONSEMI-74FST3245 Datasheet
85Kb / 8P
   8-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_05 Datasheet
185Kb / 5P
   8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_05 Datasheet
134Kb / 5P
   8-Bit Bus Switch
logo
ON Semiconductor
74FST3244 ONSEMI-74FST3244 Datasheet
89Kb / 8P
   8-Bit Bus Switch
January, 2005 ??Rev. 1
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com