Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FST3244 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FST3244
Description  8-Bit Bus Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3244 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FST3244 Datasheet HTML 1Page - Fairchild Semiconductor FST3244 Datasheet HTML 2Page - Fairchild Semiconductor FST3244 Datasheet HTML 3Page - Fairchild Semiconductor FST3244 Datasheet HTML 4Page - Fairchild Semiconductor FST3244 Datasheet HTML 5Page - Fairchild Semiconductor FST3244 Datasheet HTML 6Page - Fairchild Semiconductor FST3244 Datasheet HTML 7Page - Fairchild Semiconductor FST3244 Datasheet HTML 8Page - Fairchild Semiconductor FST3244 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3244 • Rev. 1.0.3
2
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2B2
1A2
2B1
1A3
2B0
/OE1
1A0
2B3
1A1
GND
2A0
1B3
2A1
1B2
2A2
1B1
2A3
1B0
/OE2
VCC
Figure 2. Pin Configuration
Pin Descriptions
Pin #
Pin Names
Description
1,19
/OE1, /OE2
Bus Switch Enables
2,4,6,8,11,13,15,17
1A, 2A
Bus A
3,5,7,9,12,14, 16,18
1B, 2B
Bus B
20
VCC
Supply Voltage
10
GND
Ground
Truth Table
Inputs
Inputs/Outputs
/OE1
/OE2
1A, 1B
2A, 2B
LOW
LOW
1A = 1B
2A = 2B
LOW
HIGH
1A = 1B
High Impedance
HIGH
LOW
High Impedance
2A = 2B
HIGH
HIGH
High Impedance
High Impedance


Similar Part No. - FST3244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3244MTC FAIRCHILD-FST3244MTC Datasheet
111Kb / 5P
   Octal Bus Switch
FST3244MTCX-NL FAIRCHILD-FST3244MTCX-NL Datasheet
111Kb / 5P
   Octal Bus Switch
FST3244QSC FAIRCHILD-FST3244QSC Datasheet
111Kb / 5P
   Octal Bus Switch
FST3244WM FAIRCHILD-FST3244WM Datasheet
111Kb / 5P
   Octal Bus Switch
More results

Similar Description - FST3244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
   8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_08 Datasheet
439Kb / 9P
   8-Bit Bus Switch
logo
ON Semiconductor
FST3245 ONSEMI-FST3245 Datasheet
600Kb / 9P
   8-Bit Bus Switch
December 2012 Rev. 1.0.3
74FST3345 ONSEMI-74FST3345 Datasheet
87Kb / 6P
   8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3245 ONSEMI-74FST3245 Datasheet
85Kb / 8P
   8-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_05 Datasheet
185Kb / 5P
   8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_05 Datasheet
134Kb / 5P
   8-Bit Bus Switch
logo
ON Semiconductor
74FST3244 ONSEMI-74FST3244 Datasheet
89Kb / 8P
   8-Bit Bus Switch
January, 2005 ??Rev. 1
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_08 Datasheet
439Kb / 9P
   8-Bit Bus Switch
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com