Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV332QSCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSAV332QSCX
Description  Quad Video Switch with Individual Enables
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV332QSCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSAV332QSCX Datasheet HTML 1Page - Fairchild Semiconductor FSAV332QSCX Datasheet HTML 2Page - Fairchild Semiconductor FSAV332QSCX Datasheet HTML 3Page - Fairchild Semiconductor FSAV332QSCX Datasheet HTML 4Page - Fairchild Semiconductor FSAV332QSCX Datasheet HTML 5Page - Fairchild Semiconductor FSAV332QSCX Datasheet HTML 6Page - Fairchild Semiconductor FSAV332QSCX Datasheet HTML 7Page - Fairchild Semiconductor FSAV332QSCX Datasheet HTML 8Page - Fairchild Semiconductor FSAV332QSCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAV332 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VS
DC Switch Voltage
(1)
-0.5
VCC + 0.5
V
VIN
DC Input Voltage
(1)
-0.5
7.0
V
IIK
DC Input Diode Current
-50
mA
IOUT
DC Output Current
128
mA
TSTG
Storage Temperature Range
-65
+150
°C
ESD
Human Body Model, JESD22-A114
4000
V
Note:
1.
The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Power Supply
4.75
5.25
V
VIN
Control Input Voltage
(2)
0
VCC
V
VS
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
TSSOP
+115
Θ
JA
Thermal Resistance
QSOP
+127
°C/W
Note:
2.
Unused control inputs must be held HIGH or LOW; they may not float.


Similar Part No. - FSAV332QSCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV332QSC FAIRCHILD-FSAV332QSC Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
More results

Similar Description - FSAV332QSCX

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
   Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
   3.3V Quad Bus Switch with Individual Active Low Enables
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
   2-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
   2-Bit Bus Switch with Individual Enables
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
   4-Bit Bus Switch with Individual Enables
PI5C3125 PERICOM-PI5C3125 Datasheet
393Kb / 6P
   4-Bit Bus Switch with Individual Enables
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
   Low On-Resistance Wideband/Video Quad with Individual Control
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
CBT3244A PHILIPS-CBT3244A Datasheet
120Kb / 10P
   Octal bus switch with quad output enables
2004 May 26
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com