Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ500L Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSQ500L
Description  Compact, Green Mode, Fairchild Power Switch (FPS??
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ500L Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSQ500L Datasheet HTML 2Page - Fairchild Semiconductor FSQ500L Datasheet HTML 3Page - Fairchild Semiconductor FSQ500L Datasheet HTML 4Page - Fairchild Semiconductor FSQ500L Datasheet HTML 5Page - Fairchild Semiconductor FSQ500L Datasheet HTML 6Page - Fairchild Semiconductor FSQ500L Datasheet HTML 7Page - Fairchild Semiconductor FSQ500L Datasheet HTML 8Page - Fairchild Semiconductor FSQ500L Datasheet HTML 9Page - Fairchild Semiconductor FSQ500L Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ500L • Rev. 1.0.0
6
Typical Performance Characteristics
These characteristic graphs are measured at TA = 25°C.
Operating Supply Current (IOP) vs Temperature
370
390
410
430
450
470
490
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
Switching Frequency (fS) vs Temperature
120
125
130
135
140
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
Figure 4. Operating Supply Current (IOP_Burst)
vs. Temperature
Figure 5. Switching Frequency (fS)
vs. Temperature
UVLO Threshold Voltage (VSTART) vs Temperature
5.5
5.7
5.9
6.1
6.3
6.5
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
UVLO Threshold Voltage (VSTOP) vs Temperature
4.5
4.7
4.9
5.1
5.3
5.5
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
Figure 6. UVLO Threshold Voltage (VSTART)
vs. Temperature
Figure 7. UVLO Threshold Voltage (VSTOP)
vs. Temperature
Burst Mode Voltage (VBURH) vs Temperature
750
770
790
810
830
850
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
Burst Mode Voltage (VBURL) vs Temperature
700
720
740
760
780
800
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
Figure 8. Burst-Mode Voltage (VBURH)
vs. Temperature
Figure 9. Burst-Mode Voltage (VBURL)
vs. Temperature


Similar Part No. - FSQ500L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ500L FAIRCHILD-FSQ500L Datasheet
690Kb / 11P
   Compact Green-Mode Adapter
FSQ500L FAIRCHILD-FSQ500L Datasheet
573Kb / 12P
   Compact, Green Mode, Fairchild Power Switch
FSQ500L FAIRCHILD-FSQ500L_09 Datasheet
573Kb / 12P
   Compact, Green Mode, Fairchild Power Switch
More results

Similar Description - FSQ500L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com