Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV332 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSAV332
Description  Quad Video Switch with Individual Enables
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV332 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSAV332 Datasheet HTML 1Page - Fairchild Semiconductor FSAV332 Datasheet HTML 2Page - Fairchild Semiconductor FSAV332 Datasheet HTML 3Page - Fairchild Semiconductor FSAV332 Datasheet HTML 4Page - Fairchild Semiconductor FSAV332 Datasheet HTML 5Page - Fairchild Semiconductor FSAV332 Datasheet HTML 6Page - Fairchild Semiconductor FSAV332 Datasheet HTML 7Page - Fairchild Semiconductor FSAV332 Datasheet HTML 8Page - Fairchild Semiconductor FSAV332 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV332 • Rev. 1.0.3
5
AC Loadings and Waveforms
Notes: Input drive by 50
Ω source terminated in 50Ω.
CL includes load and stray capacitance.
Input PRR=1.0MHz, tW=500ns.
Figure 4. AC Test Circuit
Figure 5. AC Waveforms


Similar Part No. - FSAV332

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
FSAV332MTC FAIRCHILD-FSAV332MTC Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
FSAV332MTC_NL FAIRCHILD-FSAV332MTC_NL Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
FSAV332QSC FAIRCHILD-FSAV332QSC Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
More results

Similar Description - FSAV332

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
   Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
   3.3V Quad Bus Switch with Individual Active Low Enables
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
   2-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
   2-Bit Bus Switch with Individual Enables
PI5C3125 PERICOM-PI5C3125_10 Datasheet
498Kb / 5P
   4-Bit Bus Switch with Individual Enables
PI5C3125 PERICOM-PI5C3125 Datasheet
393Kb / 6P
   4-Bit Bus Switch with Individual Enables
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
   Low On-Resistance Wideband/Video Quad with Individual Control
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
CBT3244A PHILIPS-CBT3244A Datasheet
120Kb / 10P
   Octal bus switch with quad output enables
2004 May 26
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com