Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSE158C Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # QSE158C
Description  Plastic Silicon OPTOLOGIC Photosensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE158C Datasheet(HTML) 5 Page - Fairchild Semiconductor

  QSE158C Datasheet HTML 1Page - Fairchild Semiconductor QSE158C Datasheet HTML 2Page - Fairchild Semiconductor QSE158C Datasheet HTML 3Page - Fairchild Semiconductor QSE158C Datasheet HTML 4Page - Fairchild Semiconductor QSE158C Datasheet HTML 5Page - Fairchild Semiconductor QSE158C Datasheet HTML 6Page - Fairchild Semiconductor QSE158C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©1.0.0 Fairchild Semiconductor Corporation
www.fairchildsemi.com
QSE156/C, QSE157/C, QSE158/C, QSE159/C Rev. 1.0.0
5
Typical Performance Curves (Sensor Coupled to QEE113 Emitter) (Continued)
Fig. 6 Low Output Voltage vs. Output Current
IO - Output Current (mA)
11
0
0.01
0.1
1
VCC = 5 V
TA = 25°C
IF = 10 mA
Fig. 7 Response Time vs. Forward Current
IF - Forward Current (mA)
05
10
15
20
0
1
2
3
4
5
TPHL
TPLH
VCC = 5 V
RL = 270Ω
TA = 25°C
IF Pulsed
T = 10 ms
Duty Cycle = 50%
Fig. 5 Normalized Threshold Current
vs. Ambient Temperature
TA - Ambient Temperature (˚C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
IF (ON)
IF (OFF)
IF (OFF)
IF (ON)
Normalized to:
VCC = 5 V
TA = 25°C


Similar Part No. - QSE158C

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSE158 QT-QSE158 Datasheet
262Kb / 4P
   OPTOLOGIC
logo
Fairchild Semiconductor
QSE158 FAIRCHILD-QSE158 Datasheet
284Kb / 5P
   OPTOLOGIC?
QSE158 FAIRCHILD-QSE158 Datasheet
532Kb / 7P
   PLASTIC SILICON OPTOLOGIC PHOTOSENSOR
More results

Similar Description - QSE158C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE156 FAIRCHILD-QSE156_04 Datasheet
532Kb / 7P
   PLASTIC SILICON OPTOLOGIC PHOTOSENSOR
QSE259 FAIRCHILD-QSE259 Datasheet
1Mb / 7P
   Plastic Silicon OPTOLOGIC
QSE156 FAIRCHILD-QSE156 Datasheet
284Kb / 5P
   OPTOLOGIC?
logo
QT Optoelectronics
QSA156 QT-QSA156 Datasheet
259Kb / 4P
   OPTOLOGIC
QSE156 QT-QSE156 Datasheet
262Kb / 4P
   OPTOLOGIC
logo
Fairchild Semiconductor
QSA156 FAIRCHILD-QSA156 Datasheet
282Kb / 5P
   OPTOLOGIC?
logo
Hamamatsu Corporation
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
   Photosensor amplifier
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
   Photosensor amplifier
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
   Reflective Photosensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com