Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAL200QSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSAL200QSC
Description  Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAL200QSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSAL200QSC Datasheet HTML 1Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 2Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 3Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 4Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 5Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 6Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 7Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 8Page - Fairchild Semiconductor FSAL200QSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2007
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.1
FSAL200 — Wide Bandwidth Quad 2:1 Analog
Multiplexer / De-multiplexer Switch
Features
Typical 6
Ω Switch Connection Between Two Ports
Minimal Propagation Delay Through the Switch
Low ICC
Zero Bounce in Flow-Through Mode
Control Inputs Compatible with TTL Level
Rail-to-Rail Signal Handling
Route Communications Signals Include:
-
10/100 Ethernet
-
100VG—AnyLAN
-
ATM25
-
SONET OCI 51.8Mbps
-
USB1.1
-
T1/E1
-
Token Ring 4/16Mbps
Description
The Fairchild Switch FSAL200 is a rail-to-rail quad 2:1
high-speed CMOS TTL-compatible analog multiplexer /
de-multiplexer switch. The low on resistance of the
switch allows inputs to be connected to outputs without
adding propagation delay or generating additional
ground bounce noise.
When OE is low, the select pin connects the A Port to
the selected B Port output. When OE is high, the switch
is open and a high-impedance state exists between the
two ports.
Ordering Information
Part Number
Package Description
Packing
Method
FSAL200MTC
16-Lead Thin Shrink Small Outline Package(TSSOP), JEDEC MO-153, 4.4mm Wide
Rails
FSAL200MTCX
16-Lead Thin Shrink Small Outline Package(TSSOP), JEDEC MO-153, 4.4mm Wide
Tape and
Reel
FSAL200QSC
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Rails
FSAL200QSCX
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Tape and
Reel
All packages are Pb-free per JEDEC standard J-SDD-020B.


Similar Part No. - FSAL200QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAL200QSC FAIRCHILD-FSAL200QSC Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
FSAL200QSC FAIRCHILD-FSAL200QSC Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
logo
ON Semiconductor
FSAL200QSC ONSEMI-FSAL200QSC Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
FSAL200QSCX ONSEMI-FSAL200QSCX Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
More results

Similar Description - FSAL200QSC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_06 Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200 Datasheet
84Kb / 6P
   Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com